Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2932AIPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC2932AIPWR
Description  HIGH PERFORMANCE PHASE LOCKED LOOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2932AIPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC2932AIPWR Datasheet HTML 9Page - Texas Instruments TLC2932AIPWR Datasheet HTML 10Page - Texas Instruments TLC2932AIPWR Datasheet HTML 11Page - Texas Instruments TLC2932AIPWR Datasheet HTML 12Page - Texas Instruments TLC2932AIPWR Datasheet HTML 13Page - Texas Instruments TLC2932AIPWR Datasheet HTML 14Page - Texas Instruments TLC2932AIPWR Datasheet HTML 15Page - Texas Instruments TLC2932AIPWR Datasheet HTML 16Page - Texas Instruments TLC2932AIPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TLC2932A
HIGH PERFORMANCE PHASE LOCKED LOOP
SLES150 − OCTOBER 2005
13
TI.COM
TYPICAL CHARACTERISTICS
Figure 12.
VCO OSCILATION FREQUENCY
VS
VCO CONTROL VOLTAGE
Vdd=5.0V Rbias=2.2kohm
0
20
40
60
80
100
120
140
0
123
456
VCOIN − VCO Control Voltage − V
−25
°C
25
°C
85
°C
Figure 13.
VCO OSCILATION FREQUENCY
VS
VCO CONTROL VOLTAGE
Vdd=5.0V Rbias=3.3kohm
0
20
40
60
80
100
120
140
012345
6
VCOIN − VCO Control Voltage − V
−25
°C
25
°C
85
°C
Figure 14.
VCO OSCILATION FREQUENCY
VS
VCO CONTROL VOLTAGE
Vdd=5.0V Rbias=5.1kohm
0
20
40
60
80
100
120
140
01234
56
VCOIN − VCO Control Voltage − V
−25
°C
25
°C
85
°C
Figure 15.
VCO Oscilation frequency
Vs
Bias resister
Vdd=3V, VCOIN=1.5V, Ta=25’C
15
17
19
21
23
25
27
29
31
33
35
12
3
4
5
6
Rbias(kohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com