Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2933AIPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC2933AIPWR
Description  HIGH PERFORMANCE PHASE LOCKED LOOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC2933AIPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLC2933AIPWR Datasheet HTML 1Page - Texas Instruments TLC2933AIPWR Datasheet HTML 2Page - Texas Instruments TLC2933AIPWR Datasheet HTML 3Page - Texas Instruments TLC2933AIPWR Datasheet HTML 4Page - Texas Instruments TLC2933AIPWR Datasheet HTML 5Page - Texas Instruments TLC2933AIPWR Datasheet HTML 6Page - Texas Instruments TLC2933AIPWR Datasheet HTML 7Page - Texas Instruments TLC2933AIPWR Datasheet HTML 8Page - Texas Instruments TLC2933AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TLC2933A
HIGH PERFORMANCE PHASE LOCKED LOOP
SLES149 − OCTOBER 2005
1
TI.COM
D VCO (Voltage-Controlled Oscillator):
− Complete Oscillator Using Only One
External Bias Resistor (RBIAS)
− Lock Frequency:
30 MHz to 55 MHz (VDD = 3 V
+5%,
TA = –205C to 755C, x1 Output)
30 MHz to 60 MHz (VDD = 3.3 V
+5%,
TA = –205C to 755C, x1 Output)
43 MHz to 110 MHz (VDD = 5 V
+5%,
TA = –205C to 755C, x1 Output)
− Selectable Output Frequency
D PFD (Phase Frequency Detector):
High Speed, Edge-Triggered Detector
with Internal Charge Pump
D Independent VCO, PFD Power-Down Mode
D Thin Small-Outline Package (14 Terminal)
D CMOS Technology
D Pin Compatible TLC2933IPW
description
The TLC2933A is designed for phase-locked loop (PLL) systems and is composed of a voltage-controlled
oscillator (VCO) and an edge-triggered type phase frequency detector (PFD). The oscillation frequency range
of the VCO is set by an external bias resistor (RBIAS). The VCO has a 1/2 frequency divider at the output stage.
The high speed PFD with internal charge pump detects the phase difference between the reference frequency
input and signal frequency input from the external counter. Both the VCO and the PFD have inhibit functions,
which can be used as power-down mode. Due to the TLC2933A high speed and stable oscillation capability,
the TLC2933A is suitable for use as a high-performance PLL.
AVAILABLE OPTIONS
TA
PACKAGE
TA
SMALL OUTLINE (PW)
–20
°C to 75°C
TLC2933AIPW
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LOGIC VDD
SELECT
VCO OUT
FIN −A
FIN −B
PFD OUT
LOGIC GND
VCO VDD
RBIAS
VCO IN
VCO GND
VCO INHIBIT
PFD INHIBIT
TEST
14-PIN TSOP (PW PACKAGE)
(TOP VIEW)
Copyright
 2005, Texas Instruments Incorporated


Similar Part No. - TLC2933AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2933AIPWR TI1-TLC2933AIPWR Datasheet
677Kb / 24P
HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933AIPWRG4 TI1-TLC2933AIPWRG4 Datasheet
677Kb / 24P
HIGH PERFORMANCE PHASE LOCKED LOOP
More results

Similar Description - TLC2933AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA4900A ZCOMM-PSA4900A Datasheet
79Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Texas Instruments
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com