Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5510IPW Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC5510IPW
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5510IPW Datasheet(HTML) 4 Page - Texas Instruments

  TLC5510IPW Datasheet HTML 1Page - Texas Instruments TLC5510IPW Datasheet HTML 2Page - Texas Instruments TLC5510IPW Datasheet HTML 3Page - Texas Instruments TLC5510IPW Datasheet HTML 4Page - Texas Instruments TLC5510IPW Datasheet HTML 5Page - Texas Instruments TLC5510IPW Datasheet HTML 6Page - Texas Instruments TLC5510IPW Datasheet HTML 7Page - Texas Instruments TLC5510IPW Datasheet HTML 8Page - Texas Instruments TLC5510IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLC5510, TLC5510A
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
SLAS095L – SEPTEMBER 1994 – REVISED JUNE 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at VDD = 5 V, VREFT = 2.5 V, VREFB = 0.5 V, f(CLK) = 20 MHz, TA = 25°C (unless
otherwise noted)
digital I/O
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
IIH
High-level input current
VDD = MAX,
VIH = VDD
5
µA
IIL
Low-level input current
VDD = MAX,
VIL = 0
5
µA
IOH
High-level output current
OE = GND,
VDD = MIN,
VOH = VDD – 0.5 V
– 1.5
mA
IOL
Low-level output current
OE = GND,
VDD = MIN,
VOL = 0.4 V
2.5
mA
IOZH
High-level high-impedance-state
output leakage current
OE = VDD,
VDD = MAX
VOH = VDD
16
µA
IOZL
Low-level high-impedance-state
output leakage current
OE = VDD,
VDD = MIN
VOL = 0
16
µA
† Conditions marked MIN or MAX are as stated in recommended operating conditions.
power
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
IDD
Supply current
f(CLK) = 20 MHz, National Television System Committee (NTSC)
ramp wave input, reference resistor dissipation is separate
18
27
mA
I f
Reference voltage current
TLC5510
Vref = REFT – REFB = 2 V
5.2
7.5
10.5
mA
Iref
Reference voltage current
TLC5510A
Vref = REFT – REFB = 4 V
10.4
15
21
mA
† Conditions marked MIN or MAX are as stated in recommended operating conditions.
static performance
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Self-bias (1), at REFB
Short REFB to REFBS
Short REFT to REFTS
0.57
0.61
0.65
Self-bias (2), REFT – REFB
Short REFB to REFBS,
Short REFT to REFTS
1.9
2.02
2.15
V
Self-bias (3), at REFT
Short REFB to AGND,
Short REFT to REFTS
2.18
2.29
2.4
Rref
Reference voltage resistor
Between REFT and REFB
190
270
350
Ω
Ci
Analog input capacitance
VI(ANLG) = 1.5 V + 0.07 Vrms
16
pF
TLC5510
f(CLK) = 20 MHz,
TA = 25°C
±0.4 ±0.75
Integral nonlinearity (INL)
TLC5510
(CLK)
,
VI = 0.5 V to 2.5 V
TA = – 20°C to 75°C
±1
Integral nonlinearity (INL)
TLC5510A
f(CLK) = 20 MHz,
TA = 25°C
±0.4 ±0.75
TLC5510A
(CLK)
,
VI = 0 to 4 V
TA = – 20°C to 75°C
±1
LSB
TLC5510
f(CLK) = 20 MHz,
TA = 25°C
±0.3
±0.5
LSB
Differential nonlinearity (DNL)
TLC5510
(CLK)
,
VI = 0.5 V to 2.5 V
TA = – 20°C to 75°C
±0.75
Differential nonlinearity (DNL)
TLC5510A
f(CLK) = 20 MHz,
TA = 25°C
±0.3
±0.5
TLC5510A
(CLK)
,
VI = 0 to 4 V
TA = – 20°C to 75°C
±0.75
EZS
Zero scale error
TLC5510
Vref = REFT – REFB = 2 V
– 18
– 43
– 68
mV
EZS
Zero-scale error
TLC5510A
Vref= REFT – REFB = 4 V
– 36
– 86
– 136
mV
EFS
Full-scale error
TLC5510
Vref = REFT – REFB = 2 V
– 20
0
20
mV
EFS
Full-scale error
TLC5510A
Vref = REFT – REFB = 4 V
– 40
0
40
mV
† Conditions marked MIN or MAX are as stated in recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com