Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5904PZP.A Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC5904PZP.A
Description  LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5904PZP.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5904PZP.A Datasheet HTML 4Page - Texas Instruments TLC5904PZP.A Datasheet HTML 5Page - Texas Instruments TLC5904PZP.A Datasheet HTML 6Page - Texas Instruments TLC5904PZP.A Datasheet HTML 7Page - Texas Instruments TLC5904PZP.A Datasheet HTML 8Page - Texas Instruments TLC5904PZP.A Datasheet HTML 9Page - Texas Instruments TLC5904PZP.A Datasheet HTML 10Page - Texas Instruments TLC5904PZP.A Datasheet HTML 11Page - Texas Instruments TLC5904PZP.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TLC5904
LED DRIVER
SLLS391 – NOVEMBER 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
dc characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Logic supply voltage, VCCLOG
4.5
5
5.5
V
Supply voltage for constant current
circuit, VCCLED
4.5
5
5.5
V
Analog power supply, VCCANA
4.5
5
5.5
V
Voltage between VCC, VDIFF1
VDIFF1 = VCCLOG – VCCANA
VCCLOG – VCCLED, VCCANA – VCCLED
– 0.3
0
0.3
V
Voltage between GND, VDIFF2
VDIFF2 = GNDLOG – GNDANA
GNDLOG – GNDLED, GNDANA – GNDLED
– 0.3
0
0.3
V
Voltage applied to constant current
output, VOUTn
OUT0 to OUT15 off
17
V
High-level input voltage, VIH
0.8 VCCLOG
VCCLOG
V
Low-level input voltage, VIL
GNDLOG
0.2 VCCLOG
V
High-level output current, IOH
VCCLOG = 4.5V,
DOUT0 to DOUT7,
BOUT, GSOUT
–1
mA
Low-level output current, IOL
VCCLOG = 4.5V,
DOUT0 to DOUT7,
BOUT, GSOUT
1
mA
, OL
VCCLOG = 4.5V,
XDOWN1, XDOWN2
5
mA
Constant output current, IO(LC)
OUT0 to OUT15
5
80
mA
Operating free-air temperature range, TA
–20
85
°C
ac characteristics, VCCLOG = VCCANA = VCCLED = 4.5 V to 5.5 V, TA = – 20 to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fDCLK
DCLK clock frequency
At single operation
15
MHz
fDCLK
DCLK clock frequency
At cascade operation (DOMODE = L)
10
MHz
twh/twl
DCLK pulse duration (high or low level)
20
ns
fGSCLK
GSCLK clock frequency
Frequency division ratio 1/1
8
MHz
twh/twl
GSCLK pulse duration (high or low level)
40
ns
fWDT
WDTRG clock frequency
8
MHz
twh/twl
WDTRG pulse duration (high or low level)
40
ns
twh
XLATCH pulse duration (high)
50
ns
tr/tf
Rise/fall time
100
ns
DINn – DCLK
10
BLANK – GSCLK
20
XENABLE – DCLK
15
tsu
Setup time
XLATCH – DCLK
15
ns
XLATCH – GSCLK
15
RSEL – DCLK
↑
10
RSEL – XLATCH
20
DINn – DCLK
15
XENABLE – DCLK
20
th
Hold time
XLATCH – DCLK
30
ns
RSEL – DCLK
↓
20
RSEL – XLATCH
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com