Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5905PAP Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC5905PAP
Description  LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5905PAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5905PAP Datasheet HTML 5Page - Texas Instruments TLC5905PAP Datasheet HTML 6Page - Texas Instruments TLC5905PAP Datasheet HTML 7Page - Texas Instruments TLC5905PAP Datasheet HTML 8Page - Texas Instruments TLC5905PAP Datasheet HTML 9Page - Texas Instruments TLC5905PAP Datasheet HTML 10Page - Texas Instruments TLC5905PAP Datasheet HTML 11Page - Texas Instruments TLC5905PAP Datasheet HTML 12Page - Texas Instruments TLC5905PAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TLC5905
LED DRIVER
SLLS401 – NOVEMBER 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics,
MIN/MAX:VCC(LOG)= VCC(ANA) = VCC(LED) = 4.5 V to 5.5 V, TA = –20 to 85°C
TYP: VCC(LOG) = VCC(ANA) = VCC(LED) = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA, SOUT, GSOUT, BOUT
VCC(LOG)
–0.5
V
VOL
Low level output voltage
IOL = 1 mA, SOUT, GSOUT, BOUT
0.5
V
VOL
Low-level output voltage
IOL = 5 mA, XDOWN1, XDOWN2
0.5
V
II
Input current
VI = VCC(LOG) or GND(LOG)
±1
µA
I(LOG)
Supply current (logic)
Input signal is static, TSENA = H,
WDCAP = OPEN
1
mA
(LOG)
y( g )
Data transfer, SCLK = 15 MHz, GSCLK = 8 MHz
18
30
mA
I(ANA)
Supply current (analog)
LED turnon, R(IREF) = 590 Ω
3
5
mA
I(ANA)
Supply current (analog)
LED turnoff, R(IREF) = 590 Ω
3
5
mA
LED turnoff, R(IREF) = 1180 Ω
15
20
LED turnoff, R(IREF) =590 Ω
30
40
I(LED)
Supply current (constant current
driver)
VO = 1 V,
R(IREF) = 1180 Ω
All output bits turn on
25
35
mA
VO = 1 V,
R(IREF) = 590 Ω
All output bits turn on
50
70
IO(LC1)
Constant output current
VO = 1 V, V(IREF) = 1.24 V,
R(IREF) = 1180 Ω
35
40
45
mA
IO(LC2)
Constant output current
VO = 1,
V(IREF) = 1.24V,
R(IREF) = 590 Ω
70
80
90
mA
OUT0 to OUT15 (V(OUTn) = 15 V)
0.1
µA
IO(LK)
Constant output leakage current
XDOWN1,2 (V(XDOWNn) = 15 V)
1
µA
()
SOUT (VOUTn = VCC(LOG) or GND)
1
µA
∆IO(LC)
Constant output current error
between bits
VCC(LOG) = VCC(ANA) = VCC(LED) = 5 V,
VO = 1V, R(IREF) = 590 Ω, All output bits turnon
±1%
±4%
I
∆O(LC1)
Changes in constant output
current depend on supply voltage
VO = 1 V, R(IREF) = 1180 Ω,
V(IREF) = 1.24 V, 1 bit output turnon
±1%
±4%
%/V
I
∆O(LC2)
Changes in constant output
current depend on output voltage
VO= 1 V to 3 V, R(IREF) = 1180 Ω,
V(IREF) = 1.24 V, 1 bit output turnon
±1%
±2%
%/V
T(tsd)
TSD detection temperature
Junction temperature
150
160
170
°C
T(wdt)
WDT detection temperature
No external capacitor
5
10
15
ms
V(IREF)
Voltage reference
BCENA = L, R(IREF) = 590 Ω
1.24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com