Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59210IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC59210IPWR
Description  TLC59210 8-BIT DMOS Sink Driver With Latch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC59210IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC59210IPWR Datasheet HTML 3Page - Texas Instruments TLC59210IPWR Datasheet HTML 4Page - Texas Instruments TLC59210IPWR Datasheet HTML 5Page - Texas Instruments TLC59210IPWR Datasheet HTML 6Page - Texas Instruments TLC59210IPWR Datasheet HTML 7Page - Texas Instruments TLC59210IPWR Datasheet HTML 8Page - Texas Instruments TLC59210IPWR Datasheet HTML 9Page - Texas Instruments TLC59210IPWR Datasheet HTML 10Page - Texas Instruments TLC59210IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Vcc (V)
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
180
200
220
240
260
280
300
D003
Vcc (V)
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
320
340
360
380
400
420
440
460
480
500
D004
Vcc (V)
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
D001
Vcc (V)
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
200
220
240
260
280
300
320
340
360
D002
TLC59210
www.ti.com
SCLS711A – MARCH 2009 – REVISED NOVEMBER 2015
6.11 Typical Characteristics
IO = 100mA
IO = 100mA
Figure 1. rON vs VCC Conditions IO= 100mA
Figure 2. VOL vs VCC Conditions IO = 100mA
CL = 30 pF
RL = 240 Ω, 24-V Pullup
CL = 30 pF
RL = 240 Ω, 24-V Pullup
Figure 3. tTLH vs VCC
Figure 4. Propagation Delay vs VCC
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLC59210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com