Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS20/A Datasheet(PDF) 9 Page - Bulgin Limited. All rights reserved.

Part # PS20/A
Description  Mains Filters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PS20/A Datasheet(HTML) 9 Page - Bulgin Limited. All rights reserved.

  PS20/A Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PS20/A Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PS20/A Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PS20/A Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PS20/A Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PS20/A Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PS20/A Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PS20/A Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PS20/A Datasheet HTML 9Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
189 IEC Connectors
Rating & Version Table
Mains Filters
PS25/Axx2x/xx00 & PS26/Axx2x/xxxx
Version 2
Rating
1 AMP
“
“
3 AMP
“
“
Version
1
2
3
1
2
3
L1
2 x 1.8mH
2 x 0.7mH
Cx
1 x 15nF
1 x 15nF
Cy
2 x 2.2nF
2 x 2.2nF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com