Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027 Datasheet(PDF) 19 Page - Texas Instruments

Part # TLE2027
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLE2027 Datasheet HTML 15Page - Texas Instruments TLE2027 Datasheet HTML 16Page - Texas Instruments TLE2027 Datasheet HTML 17Page - Texas Instruments TLE2027 Datasheet HTML 18Page - Texas Instruments TLE2027 Datasheet HTML 19Page - Texas Instruments TLE2027 Datasheet HTML 20Page - Texas Instruments TLE2027 Datasheet HTML 21Page - Texas Instruments TLE2027 Datasheet HTML 22Page - Texas Instruments TLE2027 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
www.ti.com
NOISE VOLTAGE
(REFERRED TO INPUT)
OVER A 10-S INTERVAL
0
−50
t − Time − s
10
50
2
4
6
8
−40
−30
−20
−10
0
10
20
30
40
VCC± = ±15 V
f = 0.1 to 10 Hz
TA = 25°C
20
18
16
14
12
20
18
16
14
12
10
8
6
4
2
22
| VCC
± | − Supply Voltage − V
10
0
RL = 2 kΩ
CL = 100 pF
TA = 25°C
See Figure 3
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
VCC± = ±15 V
RL = 2 kΩ
TA = 25°C
See Figure 3
1000
12
8
4
16
10000
CL − Load Capacitance − pF
0
100
UNITY-GAIN BANDWIDTH
vs
LOAD CAPACITANCE
VCC± = ±15 V
AVD = 1
RL = 2 kΩ
CL = 100 pF
See Figure 1
2.8
2.6
2.4
2.2
125
100
75
50
25
0
− 25
− 50
3
150
TA − Free-Air Temperature − °C
2
− 75
SLEW RATE
vs
FREE-AIR TEMPERATURE
NOTE A: Data at high and low temperatures are applicable only
within the rated operating free-air temperature ranges
of the various devices.
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
TYPICAL CHARACTERISTICS (continued)
Figure 38.
Figure 39.
Figure 40.
Figure 41.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com