Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142M Datasheet(PDF) 9 Page - Texas Instruments

Part # TLE2142M
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2142M Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLE2142M Datasheet HTML 5Page - Texas Instruments TLE2142M Datasheet HTML 6Page - Texas Instruments TLE2142M Datasheet HTML 7Page - Texas Instruments TLE2142M Datasheet HTML 8Page - Texas Instruments TLE2142M Datasheet HTML 9Page - Texas Instruments TLE2142M Datasheet HTML 10Page - Texas Instruments TLE2142M Datasheet HTML 11Page - Texas Instruments TLE2142M Datasheet HTML 12Page - Texas Instruments TLE2142M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TYPICAL CHARACTERISTICS
TLE2142-Q1
www.ti.com....................................................................................................................................................................................................... SLOS628 – JULY 2009
Table of Graphs
VIO
Input offset voltage
Distribution
Figure 1
IIO
Input offset current
vs Free-air temperature
Figure 2
vs Common-mode input voltage
Figure 3
IIB
Input bias current
vs Free-air temperature
Figure 4
vs Supply voltage
Figure 5
vs Free-air temperature
Figure 6
VOM+
Maximum positive peak output voltage
vs Output current
Figure 7
vs Settling time
Figure 9
vs Supply voltage
Figure 5
vs Free-air temperature
Figure 6
VOM–
Maximum negative peak output voltage
vs Output current
Figure 8
vs Settling time
Figure 9
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
Figure 10
VOH
High-level output voltage
vs Output current
Figure 11
VOL
Low-level output voltage
vs Output current
Figure 12
Phase shift
vs Frequency
Figure 13
vs Frequency
Figure 13
AVD
Large-signal differential voltage amplification
vs Free-air temperature
Figure 14
zo
Closed-loop output impedance
vs Frequency
Figure 15
IOS
Short-circuit output current
vs Free-air temperature
Figure 16
vs Frequency
Figure 17
CMRR
Common-mode rejection ratio
vs Free-air temperature
Figure 18
vs Frequency
Figure 19
kSVR
Supply-voltage rejection ratio
vs Free-air temperature
Figure 20
vs Supply voltage
Figure 21
ICC
Supply current
vs Free-air temperature
Figure 22
Vn
Equivalent input noise voltage
vs Frequency
Figure 23
Vn
Input noise voltage
Over a 10-second period
Figure 24
In
Noise current
vs Frequency
Figure 25
THD+N
Total harmonic distortion plus noise
vs Frequency
Figure 26
vs Free-air temperature
Figure 27
SR
Slew rate
vs Load capacitance
Figure 28
Noninverting large signal
vs Time
Figure 29
Pulse response
Inverting large signal
vs Time
Figure 30
Small signal
vs Time
Figure 31
B1
Unity-gain bandwidth
vs Load capacitance
Figure 32
Gain margin
vs Load capacitance
Figure 33
φ
m
Phase margin
vs Load capacitance
Figure 34
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLE2142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com