Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2161IDR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLE2161IDR
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2161IDR Datasheet(HTML) 1 Page - Texas Instruments

  TLE2161IDR Datasheet HTML 1Page - Texas Instruments TLE2161IDR Datasheet HTML 2Page - Texas Instruments TLE2161IDR Datasheet HTML 3Page - Texas Instruments TLE2161IDR Datasheet HTML 4Page - Texas Instruments TLE2161IDR Datasheet HTML 5Page - Texas Instruments TLE2161IDR Datasheet HTML 6Page - Texas Instruments TLE2161IDR Datasheet HTML 7Page - Texas Instruments TLE2161IDR Datasheet HTML 8Page - Texas Instruments TLE2161IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Excellent Output Drive Capability
VO = ± 2.5 V Min at RL = 100 Ω,
VCC± = ± 5 V
VO = ± 12.5 V Min at RL = 600 Ω,
VCC± = ± 15 V
D Low Supply Current... 280 µA Typ
D Decompensated for High Slew Rate and
Gain-Bandwidth Product
AVD = 0.5 Min
Slew Rate = 10 V/
µs Typ
Gain-Bandwidth Product = 6.5 MHz Typ
D Wide Operating Supply Voltage Range
VCC ± = ± 3.5 V to ± 18 V
D High Open-Loop Gain... 280 V/mV Typ
D Low Offset Voltage . . . 500 µV Max
D Low Offset Voltage Drift With Time
0.04
µV/Month Typ
D Low Input Bias Current...5 pA Typ
description
The TLE2161, TLE2161A, and TLE2161B are
JFET-input, low-power, precision operational
amplifiers
manufactured
using
the
Texas
Instruments Excalibur process. Decompensated
for stability with a minimum closed-loop gain of 5,
these devices combine outstanding output drive
capability with low power consumption, excellent
dc precision, and high gain-bandwidth product.
In addition to maintaining the traditional JFET
advantages of fast slew rates and low input bias
and offset currents, the Excalibur process offers
outstanding parametric stability over time and
temperature. This results in a device that remains
precise even with changes in temperature and
over years of use.
AVAILABLE OPTIONS
PACKAGE
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
CHIP
CARRIER
CERAMIC
DIP
PLASTIC
DIP
AT 25 C
OUTLINE
(D)
CARRIER
(FK)
DIP
(JG)
DIP
(P)
0
°C
to
500
µV
15 mV
—
TLE2161ACD
—
—
TLE2161BCP
TLE2161ACP
to
70
°C
1.5 mV
3 mV
TLE2161ACD
TLE2161CD
—
—
TLE2161ACP
TLE2161CP
–40
°C
to
500
µV
15 mV
—
TLE2161AID
—
—
TLE2161BIP
TLE2161AIP
to
85
°C
1.5 mV
3 mV
TLE2161AID
TLE2161ID
—
—
TLE2161AIP
TLE2161IP
–55
°C
to
500
µV
15 mV
—
TLE2161AMD
—
TLE2161AMFK
TLE2161BMJG
TLE2161AMJG
TLE2161BMP
TLE2161AMP
to
125
°C
1.5 mV
3 mV
TLE2161AMD
TLE2161MD
TLE2161AMFK
TLE2161MFK
TLE2161AMJG
TLE2161MJG
TLE2161AMP
TLE2161MP
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2161ACDR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated
10 k
1 k
100
RL – Load Resistance – Ω
10
0
2
4
6
8
10
TA = 25°C
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
VCC
± = ± 5 V


Similar Part No. - TLE2161IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2161IDR TI1-TLE2161IDR Datasheet
1Mb / 34P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFIERS
TLE2161IDRG4 TI1-TLE2161IDRG4 Datasheet
1Mb / 34P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2161IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE206X TI-TLE206X Datasheet
1Mb / 75P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
TLE2161 TI-TLE2161 Datasheet
479Kb / 29P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
TLE206XA TI-TLE206XA Datasheet
956Kb / 63P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
TLE206X TI-TLE206X_07 Datasheet
1Mb / 78P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
TLE206X TI-TLE206X_08 Datasheet
1Mb / 78P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
TLE2082ACDRG4 TI-TLE2082ACDRG4 Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE206X TI1-TLE206X_13 Datasheet
2Mb / 83P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFERS
TLE206X TI1-TLE206X_16 Datasheet
2Mb / 82P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFIERS
TLE2161 TI1-TLE2161_16 Datasheet
1Mb / 34P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFIERS
TLE206X TI1-TLE206X_17 Datasheet
2Mb / 81P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com