Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2161IDR.A Datasheet(PDF) 22 Page - Texas Instruments

Part # TLE2161IDR.A
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2161IDR.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLE2161IDR.A Datasheet HTML 18Page - Texas Instruments TLE2161IDR.A Datasheet HTML 19Page - Texas Instruments TLE2161IDR.A Datasheet HTML 20Page - Texas Instruments TLE2161IDR.A Datasheet HTML 21Page - Texas Instruments TLE2161IDR.A Datasheet HTML 22Page - Texas Instruments TLE2161IDR.A Datasheet HTML 23Page - Texas Instruments TLE2161IDR.A Datasheet HTML 24Page - Texas Instruments TLE2161IDR.A Datasheet HTML 25Page - Texas Instruments TLE2161IDR.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
OUTPUT IMPEDANCE
vs
FREQUENCY
AVD =100
AVD = 1
TA = 25°C
VCC
± = ±15 V
AVD = 10
f – Frequency – Hz
1 M
100 k
10 k
1 k
100
10
0.001
0.01
0.1
1
10
100
1000
Figure 20
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
10
100
1 k
10 k
100 k
1 M
f – Frequency – Hz
10 M
0
20
40
60
80
100
TA = 25°C
VCC
± = ±5 V
Figure 21
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
No Load
VO = 0
TA = 125°C
TA = 25°C
TA = – 55°C
|VCC
±| – Supply Voltage – V
20
18
16
14
12
10
8
6
4
2
0
240
260
280
300
320
340
Figure 22
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
VCC
± = ±5 V
VCC
± = ±15 V
VO = 0
No Load
TA – Free-Air Temperature – °C
240
260
280
300
320
340
125
100
75
50
25
0
–25
–50
–75
Figure 23
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com