Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2161 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLE2161
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2161 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLE2161 Datasheet HTML 14Page - Texas Instruments TLE2161 Datasheet HTML 15Page - Texas Instruments TLE2161 Datasheet HTML 16Page - Texas Instruments TLE2161 Datasheet HTML 17Page - Texas Instruments TLE2161 Datasheet HTML 18Page - Texas Instruments TLE2161 Datasheet HTML 19Page - Texas Instruments TLE2161 Datasheet HTML 20Page - Texas Instruments TLE2161 Datasheet HTML 21Page - Texas Instruments TLE2161 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
TLE2161
DISTRIBUTION OF
INPUT OFFSET VOLTAGE
P Package
TA = 25°C
VCC
± = ±15 V
736 Amplifiers Tested From 3 Wafer Lots
4
3
2
1
0
–1
–2
–3
–4
VIO – Input Offset Voltage – mV
0
5
10
15
Figure 4
TA = 25°C
VID = 0
VIC – Common-Mode Input Voltage – V
– 20
– 15
–10
– 5
0
5
10
15
20
0
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
VCC
± = ±15 V
30
60
50
40
20
10
Figure 5
INPUT BIAS CURRENT
AND INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
105
85
65
45
25
105
104
103
102
101
1
VIC = 0
VCC
± = ±15 V
IIB
IIO
Figure 6
125
COMMON-MODE
INPUT VOLTAGE RANGE LIMITS
vs
FREE-AIR TEMPERATURE
Negative Limit
Positive Limit
125
100
75
50
25
0
–25
–50
–75
TA – Free-Air Temperature – °C
VCC +
VCC +
VCC –
VCC –
VCC – +2
+3
+4
VCC +
+1
+2
Figure 7
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com