Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2161A Datasheet(PDF) 16 Page - Texas Instruments

Part # TLE2161A
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2161A Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLE2161A Datasheet HTML 12Page - Texas Instruments TLE2161A Datasheet HTML 13Page - Texas Instruments TLE2161A Datasheet HTML 14Page - Texas Instruments TLE2161A Datasheet HTML 15Page - Texas Instruments TLE2161A Datasheet HTML 16Page - Texas Instruments TLE2161A Datasheet HTML 17Page - Texas Instruments TLE2161A Datasheet HTML 18Page - Texas Instruments TLE2161A Datasheet HTML 19Page - Texas Instruments TLE2161A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
2 k
Ω
8 k
Ω
(see Note A)
CL
VO
VCC –
VI
+
–
VCC +
NOTE A: CL includes fixture capacitance.
Figure 1. Slew-Rate Test Circuit
VO
RS
RS
2 k
Ω
VCC –
VCC +
+
–
Figure 2. Noise-Voltage Test Circuit
VO
RL
CL
(see Note A)
10 k
Ω
100
Ω
VI
VCC –
VCC +
+
–
NOTE A: CL includes fixture capacitance.
Figure 3. Gain-Bandwidth Product and Phase-Margin Test Circuit
typical values
Typical values presented in this data sheet represent the median (50% point) of device parametric performance.
Input bias and offset current
At the picoampere bias-current level typical of the TLE2161, TLE2161A, and TLE2161B, accurate
measurement of the bias current becomes difficult. Not only does this measurement require a picoammeter,
but test socket leakages can easily exceed the actual device bias currents. To accurately measure these small
currents, Texas Instruments uses a two-step process. The socket leakage is measured using picoammeters
with bias voltages applied but with no device in the socket. The device is then inserted into the socket, and a
second test that measures both the socket leakage and the device input bias current is performed. The two
measurements are then subtracted algebraically to determine the bias current of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com