Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2302IP Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV2302IP
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2302IP Datasheet(HTML) 4 Page - Texas Instruments

  TLV2302IP Datasheet HTML 1Page - Texas Instruments TLV2302IP Datasheet HTML 2Page - Texas Instruments TLV2302IP Datasheet HTML 3Page - Texas Instruments TLV2302IP Datasheet HTML 4Page - Texas Instruments TLV2302IP Datasheet HTML 5Page - Texas Instruments TLV2302IP Datasheet HTML 6Page - Texas Instruments TLV2302IP Datasheet HTML 7Page - Texas Instruments TLV2302IP Datasheet HTML 8Page - Texas Instruments TLV2302IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 15 V (unless
otherwise noted)
amplifier dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = VCC/2 V,
25
°C
390
4000
μV
VIO
Input offset voltage
VO =VCC/2 V,
VIC = VCC/2 V,
Full range
6000
μV
αVIO
Offset voltage draft
RS = 50 Ω
25
°C
3
μV/°C
VCC 27 V
25
°C
55
73
VCC = 2.7V
Full range
52
CMRR Common mode rejection ratio
VIC = 0 to VCC,
VCC 5V
25
°C
60
80
dB
CMRR Common-mode rejection ratio
IC
CC,
RS = 50 Ω
VCC = 5V
Full range
55
dB
VCC 15 V
25
°C
66
90
VCC = 15 V
Full range
60
VCC =2 7V VO( ) =1 5V RL = 500 kΩ
25
°C
130
400
VCC = 2.7V, VO(pp) = 1.5V, RL = 500 kΩ
Full range
30
AVD
Large-signal differential voltage
VCC 5V
VO( ) 3V RL 500 kΩ
25
°C
300
1000
V/mV
AVD
gg
g
amplification
VCC = 5V,
VO(pp) = 3V, RL = 500 kΩ
Full range
100
V/mV
VCC 15 V
VO( ) 8V RL 500 kΩ
25
°C
400
1400
VCC = 15 V, VO(pp) = 8V, RL = 500 kΩ
Full range
120
VCC 2 7 to5V
25
°C
90
120
PSRR
Power supply rejection ratio
VIC = VCC/2 V, No load
VCC = 2.7to5V
Full range
85
dB
PSRR
yj
(
ΔVCC/ΔVIO)
IC
CC
,
VCC 5to15V
25
°C
94
120
dB
VCC = 5to15V
Full range
90
† Full range is –40°C to 125°C.
amplifier and comparator input characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
25
250
IIO
Input offset current
VO =VCC/2 V
0 to 70
°C
300
pA
VO = VCC/2 V,
VIC = VCC/2 V,
Full range
500
IC
CC
,
Rp = 1 MΩ (pullup to VCC),
R50
Ω
25
°C
100
500
IIB
Input bias current
RS = 50 Ω
0 to 70
°C
550
pA
Full range
1000
ri(d)
Differential input resistance
25
°C
300
M
Ω
Ci(c)
Common-mode input
capacitance
f = 100 kHz
25
°C
3
pF
† Full range is –40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com