Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2161IP Datasheet(PDF) 17 Page - Texas Instruments

Part # TLE2161IP
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2161IP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLE2161IP Datasheet HTML 13Page - Texas Instruments TLE2161IP Datasheet HTML 14Page - Texas Instruments TLE2161IP Datasheet HTML 15Page - Texas Instruments TLE2161IP Datasheet HTML 16Page - Texas Instruments TLE2161IP Datasheet HTML 17Page - Texas Instruments TLE2161IP Datasheet HTML 18Page - Texas Instruments TLE2161IP Datasheet HTML 19Page - Texas Instruments TLE2161IP Datasheet HTML 20Page - Texas Instruments TLE2161IP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
TLE2161, TLE2161A, TLE2161B
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS049D – NOVEMBER 1989 – REVISED MAY 1996
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
4
IIB
Input bias current
vs Common-mode input voltage
vs Free-air temperature
5
6
IIO
Input offset current
vs Free-air temperature
6
VICR
Common-mode input voltage range limits
vs Free-air temperature
7
VOM
Maximum positive peak output voltage
vs Output current
8
VOM
Maximum negative peak output voltage
vs Output current
9
VOM
Maximum peak output voltage
vs Supply voltage
10, 11, 12
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
13, 14, 15
AVD
Large-signal differential voltage amplification
vs Frequency
vs Free-air temperature
16
17
IOS
Short-circuit output current
vs Elapsed time
18
Large-signal voltage amplification
vs Free-air temperature
19
zo
Output impedance
vs Frequency
20
CMRR
Common-mode rejection ratio
vs Frequency
21
ICC
Supply current
vs Supply voltage
vs Free-air temperature
22
23
Pulse response
Small signal
Large signal
24, 25
26, 27
Noise voltage (referred to input)
0.1 to 10 Hz
28
Vn
Equivalent input noise voltage
vs Frequency
29
THD
Total harmonic distortion
vs Frequency
30, 31
Gain-bandwidth product
vs Supply voltage
vs Free-air temperature
32
33
φm
Phase margin
vs Supply voltage
vs Free-air temperature
34
35
Phase shift
vs Frequency
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com