Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6641TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM6641TR
Description  Monolithic VR for chipset and DDR2/3 supply for ultra-mobile PC (UMPC) applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6641TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM6641TR Datasheet HTML 4Page - STMicroelectronics PM6641TR Datasheet HTML 5Page - STMicroelectronics PM6641TR Datasheet HTML 6Page - STMicroelectronics PM6641TR Datasheet HTML 7Page - STMicroelectronics PM6641TR Datasheet HTML 8Page - STMicroelectronics PM6641TR Datasheet HTML 9Page - STMicroelectronics PM6641TR Datasheet HTML 10Page - STMicroelectronics PM6641TR Datasheet HTML 11Page - STMicroelectronics PM6641TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Electrical data
PM6641
8/47
3
Electrical data
3.1
Maximum rating
3.2
Thermal data
3.3
Recommended operating conditions
Table 3. Absolute maximum ratings (1)
1.
Free air operating conditions unless otherwise specified. Stresses beyond those listed under "absolute
maximum ratings" may cause permanent damage to the device. Exposure to absolute maximum rated
conditions for extended periods may affect device reliability.
Symbol
Parameter
Value
Unit
VVIN
VIN_x to SGND_x
VIN = VAVCC
VVCC = VAVCC
-0.3 to 6
V
VVCC
VCC to AGND or SGND_x
VAVCC
AVCC to AGND or SGND_x
AGND to SGND_x
-0.3 to 0.3
VTTGND to SGND_x
VVSW
VSW_x to SGND_x
-0.3 to 6
VSW_x to AGND
CSNS, PG_x, EN_x, DSCG, COMP_x, VFB_x, SS_x,
SET_SWF, SET_PH1, VOUT_1S8 to AGND
-0.3 to VAVCC + 0.3
VTT, VTTREF, VTTFB to AGND
LDOIN, VTT, VTTREF, VTTFB to VTTGND
PTOT
Power dissipation @ TA = 25 °C
4W
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
42
°C/W
TSTG
Storage temperature range
-50 to 150
°C
TA
Operating ambient temperature range
-40 to 85
°C
TJ
Junction operating temperature range
-40 to 125
°C
Table 5. Recommended operating conditions
Symbol
Parameter
Values
Unit
Min
Typ
Max
VAVCC
AVCC voltage range
4.5
5.5
V
VVCC
VCC IC supply voltage
4.5
VAVCC
VIN
VIN_x input voltage range
2.7
VVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com