Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLWS115 Datasheet(PDF) 17 Page - Texas Instruments

Part # SLWS115
Description  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLWS115 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SLWS115 Datasheet HTML 13Page - Texas Instruments SLWS115 Datasheet HTML 14Page - Texas Instruments SLWS115 Datasheet HTML 15Page - Texas Instruments SLWS115 Datasheet HTML 16Page - Texas Instruments SLWS115 Datasheet HTML 17Page - Texas Instruments SLWS115 Datasheet HTML 18Page - Texas Instruments SLWS115 Datasheet HTML 19Page - Texas Instruments SLWS115 Datasheet HTML 20Page - Texas Instruments SLWS115 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
3–5
3.5
System Reset and Power Management
3.5.1
Software and Hardware Reset
The TLV320AIC15 resets internal counters and registers in response to either of two events:
•
A low-going reset pulse is applied to terminal RESET
•
A 1 is written to the programmable software reset bits (D5 of control register 3)
NOTE:The TLV320AIC15 requires a power-up reset applied to the RESET pin.
Either event resets the control registers and clears all sequential circuits in the device. The H/W RESET (active low)
signal is at least 6 master clock periods long. As soon as the RESET input is applied, the TLV320AIC15 enters the
initialization cycle that lasts for 132 MCLKs, during which the DSPs serial port is put in 3-state. For a cascaded system
the rise time of H/W RESET needs to be less than the MCLK period and should satisfy setup time requirement of 2 ns
with respect to MCLK rise-edge. In stand-alone-slave mode SCLK must be running during RESET. RESET must be
synchronized with MCLK in all cases.
3.5.2
Power Management
Most of the device (except the digital interface) enters the power-down mode when D7 and D6, in control register 3,
are set to 1. When the PWRDN pin is low, the entire device is powered down. In either case, register contents are
preserved and the output of the amplifier is held at midpoint voltage to minimize pops and clicks.
The amount of power drawn during software power down is higher than during a hardware power down because of
the current required to keep the digital interface active. Additional differences between software and hardware
power-down modes are detailed in the following paragraphs.
3.5.2.1 Software Power-Down
Data bits D7 and D6 of control register 3 are used by TLV320AIC15 to turn on or off the software power-down mode,
which takes effect in the next frame FS. The ADC and DAC can be powered down individually. In the software
power-down, the digital interface circuit is still active while the internal ADC and DAC channel and differential output
OUTP1 and OUTM1 are disabled, and DOUT is put in 3-state in the data frame only. Register data in the control frame
is still accepted via DIN, but data in the data frame is ignored. The device returns to normal operation when D7 and
D6 of control register 3 are reset.
3.5.2.2 Hardware Power-Down
The TLV320AIC15 requires the PWRDN signal to be synchronized with MCLK. When PWRDN is held low, the device
enters hardware power-down mode. In this state, the internal clock control circuit and the differential outputs are
disabled. All other digital I/Os are disabled and DIN can not accept any data input. The device can only be returned
to normal operation by holding PWRDN high. When not holding the device in the hardware power-down mode,
PWRDN must be tied high.
3.6
Digital Interface
3.6.1
Clock Source (MCLK, SCLK)
MCLK is the external master clock input. The clock circuit generates and distributes necessary clocks throughout the
device. SCLK is the bit clock used to receive and transmit data synchronously. When the device is in the master mode,
SCLK and FS are output and derived from MCLK in order to provide clocking the serial communications between the
device and a digital signal processor (DSP). When in the slave mode, SCLK and FS are inputs. In the non-turbo mode
(TURBO = 0), SCLK frequency is defined by:
SCLK = (16
× FS × #Devices × mode)
Where:
FS is the frame-sync frequency.
#Device is the number of the device in cascade.
Mode is equal to 1 for continuous data transfer mode and 2 for programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com