Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4605 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4605
Description  Engwinklige LED im MIDLED-Gehause Narrow beam LED in MIDLED package Lead (Pb) Free Product - RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4605 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4605 Datasheet HTML 1Page - OSRAM GmbH SFH4605 Datasheet HTML 2Page - OSRAM GmbH SFH4605 Datasheet HTML 3Page - OSRAM GmbH SFH4605 Datasheet HTML 4Page - OSRAM GmbH SFH4605 Datasheet HTML 5Page - OSRAM GmbH SFH4605 Datasheet HTML 6Page - OSRAM GmbH SFH4605 Datasheet HTML 7Page - OSRAM GmbH SFH4605 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH 4600
SFH 4605
Engwinklige LED im MIDLED-Gehäuse
Narrow beam LED in MIDLED package
Lead (Pb) Free Product - RoHS Compliant
Nicht für Neuentwicklungen / Not for new designs
2008-01-14
1
SFH 4600
SFH 4605
Wesentliche Merkmale
• Leistungsstarke GaAs-LED (35 mW) mit
typischer Emissionswellenlänge 950 nm
• Enger Abstrahlwinkel (
± 20°)
• Geringe Bauhöhe
• Als Toplooker und Sidelooker einsetzbar
•SFH 4600: Gurtung als Toplooker
SFH 4605: Gurtung als Sidelooker
Anwendungen
• Lichtschranken, Lichtvorhänge
• Sensorik
• IR Scheinwerfer
Sicherheitshinweise
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte,
nicht
sichtbare
Infrarot-
Strahlung, die gefährlich für das menschliche
Auge sein kann. Produkte, die diese Bauteile
enthalten,
müssen
gemäß
den
Sicherheits-
richtlinien der IEC-Normen 60825-1 und 62471
behandelt werden.
Typ
Type
Bestellnummer
Ordering Code
Strahlstärkegruppierung
1) (I
F = 100 mA, tp = 20 ms)
Radiant Intensity Grouping
1)
I
e (mW/sr)
SFH 4600
SFH 4605
Q65110A1575
Q65110A1576
≥ 16 (typ. 30)
≥ 16 (typ. 30)
1) gemessen bei einem Raumwinkel Ω = 0.01 sr / measured at a solid angle of Ω = 0.01 sr
Features
• High Power GaAs-LED (35 mW) with typical
peak wavelength of 950 nm
• Narrow halfangle (
± 20°)
• Low profile component
• Usable as top-looking and side-looking device
•SFH 4600: Taping as Toplooker
SFH 4605: Taping as Sidelooker
Applications
• Interrupters, Lightcurtains
• Sensors
• IR floodlight
Safety Advices
Depending on the mode of operation, these
devices emit highly concentrated non visible
infrared light which can be hazardous to the
human eye. Products which incorporate these
devices have to follow the safety precautions
given in IEC 60825-1 and IEC 62471.


Similar Part No. - SFH4605

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH460 OSRAM-SFH460 Datasheet
97Kb / 5P
GaAlAs-Lumineszenzdiode
More results

Similar Description - SFH4605

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650 Datasheet
141Kb / 8P
Engwinklige LED in MIDLED-Gehause
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_18 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4641 OSRAM-SFH-4641 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
SFH-4647 OSRAM-SFH-4647 Datasheet
525Kb / 14P
Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
SFH-4680 OSRAM-SFH-4680 Datasheet
315Kb / 13P
Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com