Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX0410/02P/6570. Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # PX0410/02P/6570.
Description  400 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0410/02P/6570. Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  PX0410/02P/6570. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0410/02P/6570. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0410/02P/6570. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0410/02P/6570. Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0410/02P/6570. Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0410/02P/6570. Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
37 Buccaneer for Power
No. Poles:
Current Rating:
Voltage Rating (ac/dc):
Contact Resistance:
Insulation Resistance:
AC Breakdown voltage:
Operating Temperature:
Flex and panel types
Overmoulded
Approvals:
UL
CSA
VDE
CCC
2, 3
4, 6, 8
10, 12
8A
5A
1A
250Vac/dc 125Vac/dc 50Vacdc
<5mΩ
>10⁶MΩ (@ 500V d.c.)
2.5kV
–40°C to +80°C
–20ºC to +60ºC
E214972
1273303
40002226
2011010203500398 – 1 Amp Rated
2011010203500399 – 5 Amp Rated
2011010203500400 – 8 Amp Rated
Overmoulded cable assemblies
approvals to customer requirements.
Sealing:
Salt Mist:
Cable Acceptance:
Contact Accommodation:
Termination:
Insertion/Withdrawal Force:
No. poles:
Insertion Force (typ):
Withdrawal Force (typ):
Tightening Torques:
Panel mount (PX0412)
Rear fixing nut:
Panel mount (PX0413)
Front fixing nut:
Cable Retention force:
3.0mm dia
4.0 to 7.0mm dia
Rear panel thread PX0412:
Panel thread PX0413:
IP68, EN60529:1992+A2:2013 tested
@ 1.054kg/sq cm
(15lb/sq in) 10m depth for 2 weeks
EN60068-2-52 Test Kb Salt Mist
(Cyclic) Marine Severity Level 1
3.0 - 7.0mm
2, 3 pole, 20 - 24 AWG
4, 6, 8 pole, 22 - 26 AWG
10, 12 pole, 24 - 28 AWG
Crimp, solder and PCB
2 3
4
6 8 10 12
19N 25N 27N 27N 28N 55N 62N
12N 17N 17N 21N 22N 25N 29N
1.0-1.1Nm (9lbf.in.)
1.0-1.1Nm (9lbf.in.)
60N
80N
M16x1.5
18.97x26TPI Whitworth form to
BS84 med fit
Polyamide
UL94V-0
To EN 50021:1999
Polyurethane
UL94V-HB
Copper alloy, Gold plated
Nitrile
Nitrile
Compliant
Flex and panel types:
Body Mouldings:
Flammability Rating:
UV Resistance:
Overmoulded types:
Body Mouldings:
Flammability Rating:
Contacts:
O Rings:
Panel Sealing O Ring:
RoHS
Electrical:
Mechanical:
Material:
Specifications
BUCCANEER FOR POWER
400 Series Buccaneer
Dimensions:
Overall dimensions of connectors when mated together
Flex + Flex In-Line
Dia. over coupling ring
80mm
19.1mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com