Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3222BTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST3222BTR
Description  3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222BTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST3222BTR Datasheet HTML 5Page - STMicroelectronics ST3222BTR Datasheet HTML 6Page - STMicroelectronics ST3222BTR Datasheet HTML 7Page - STMicroelectronics ST3222BTR Datasheet HTML 8Page - STMicroelectronics ST3222BTR Datasheet HTML 9Page - STMicroelectronics ST3222BTR Datasheet HTML 10Page - STMicroelectronics ST3222BTR Datasheet HTML 11Page - STMicroelectronics ST3222BTR Datasheet HTML 12Page - STMicroelectronics ST3222BTR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
ST3222B - ST3222C
10/13
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c0.09
0.20
0.004
0.0079
D
6.4
6.5
6.6
0.252
0.256
0.260
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K0°
8°0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP20 mechanical data
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
0087225C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com