Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJSMLAC-8EMG-CAPS Datasheet(PDF) 4 Page - Amphenol PCD, Inc

Part # RJSMLAC-8EMG-CAPS
Description  KIT RJSMLAC 8EMG CAPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

RJSMLAC-8EMG-CAPS Datasheet(HTML) 4 Page - Amphenol PCD, Inc

  RJSMLAC-8EMG-CAPS Datasheet HTML 1Page - Amphenol PCD, Inc RJSMLAC-8EMG-CAPS Datasheet HTML 2Page - Amphenol PCD, Inc RJSMLAC-8EMG-CAPS Datasheet HTML 3Page - Amphenol PCD, Inc RJSMLAC-8EMG-CAPS Datasheet HTML 4Page - Amphenol PCD, Inc RJSMLAC-8EMG-CAPS Datasheet HTML 5Page - Amphenol PCD, Inc RJSMLAC-8EMG-CAPS Datasheet HTML 6Page - Amphenol PCD, Inc RJSMLAC-8EMG-CAPS Datasheet HTML 7Page - Amphenol PCD, Inc RJSMLAC-8EMG-CAPS Datasheet HTML 8Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Prasad M
Nikhil W
12-11-2021
C
4/8
191-PLC-974-00
KIT RJSMLAC-8EMG-CAPS
/
1
2
3
4
5
6
7
8
1
2
3
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
ALL
DIMENSIONS
ARE IN MM
DRAWN BY :
UPDATED BY:
LAST APPROVED BY:
ORIGINAL
DRAWING DATE :
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
REV :
PAGE :
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,...)
CUSTOMER :
PROGRAM :
CUSTOMER
SIGNATURE
Name :
Date :
______________________________
SCALE :
4
5
1
2
3
4
5
6
7
8
1
2
3
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
ALL
DIMENSIONS
ARE IN MM
DRAWN BY :
UPDATED BY:
LAST APPROVED BY:
ORIGINAL
DRAWING DATE :
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
REV :
PAGE :
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,...)
CUSTOMER :
PROGRAM :
CUSTOMER
SIGNATURE
Name :
Date :
______________________________
SCALE :
4
5
-
ASF
Deepak J
-
LAST CHANGE :
-
LAST CHANGE :
Wiring diagram
-
Contact size
#
-
Shielded twisted pair
B
P1
A
C
Observations
NC
#20
B1
24 VDC
B2
0 VDC
W1
Blue
White
Raccord
Cable assembly for power supply : RJSMLAC-8MG-CBL-PWR-2M-B4
Bill of material
Sr no Designation Component type
Manufacturer Part number
Manufacturer Unit Qty UOM
1
P1
Connector
D38999/26WA98SA
Amphenol
1.00
EA
2
B1
Banana plug
FK15S RED
Schützinger
1.00
EA
3
B2
Banana plug
FK15S BLK
Schützinger
1.00
EA
4
ZR1
Backshell
TV35091008014
Amphenol
1.00
EA
5
BT1
Band Tie
M85049/128-3 or equivalent
Glenair
1.00
EA
6
ZB1
Braid
TB13-T-63 or Any suitable size
Tyco
0.10
M
7
ZL1
Boot
202K121-25-0 or Any suitable size
Tyco
1.00
EA
8
W1
Wire
KU05-20
Nexans
2.00
M
9
ZH1
HST
DR25 1/4-0M or Any suitable size
Tyco
2.00
M
10
MS1
HST
RNF100 1/4-YELLOW or Any suitable size
Tyco
0.07
M
11
TS1
HST
RNF100 1/4 -TRANSP or Any suitable size
Tyco
0.08
M
12
AD
Adhesive
S1125-KIT8
Tyco
0.10
EA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com