Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4R9ZGT6P Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32L4R9ZGT6P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R9ZGT6P Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32L4R9ZGT6P Datasheet HTML 16Page - STMicroelectronics STM32L4R9ZGT6P Datasheet HTML 17Page - STMicroelectronics STM32L4R9ZGT6P Datasheet HTML 18Page - STMicroelectronics STM32L4R9ZGT6P Datasheet HTML 19Page - STMicroelectronics STM32L4R9ZGT6P Datasheet HTML 20Page - STMicroelectronics STM32L4R9ZGT6P Datasheet HTML 21Page - STMicroelectronics STM32L4R9ZGT6P Datasheet HTML 22Page - STMicroelectronics STM32L4R9ZGT6P Datasheet HTML 23Page - STMicroelectronics STM32L4R9ZGT6P Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 306 page
background image
Functional overview
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
20/306
DocID030321 Rev 3
•
Proprietary code readout protection (PCROP): a part of the Flash memory can be
protected against read and write from third parties. The protected area is execute-only
and it can only be reached by the STM32 CPU as an instruction code, while all other
accesses (DMA, debug and CPU data read, write and erase) are strictly prohibited:
–
In single bank mode, two areas can be selected with 128-bit granularity.
–
In dual bank mode, one area per bank can be selected with 64-bit granularity.
An additional option bit (PCROP_RDP) allows to select if the PCROP area is erased or
not when the RDP protection is changed from Level 1 to Level 0.
The whole non-volatile memory embeds the error correction code (ECC) feature supporting:
•
Single error detection and correction
•
Double error detection
•
The address of the ECC fail can be read in the ECC register.
3.5
Embedded SRAM
The STM32L4R5xx, STM32L4R7xx and STM32L4R9xx devices feature 640 Kbytes of
embedded SRAM. This SRAM is split into three blocks:
•
192 Kbytes mapped at address 0x2000 0000 (SRAM1).
•
64 Kbytes located at address 0x1000 0000 with hardware parity check (SRAM2).
This memory is also mapped at address 0x2003 0000 offering a contiguous address
space with the SRAM1.
This block is accessed through the ICode/DCode buses for maximum performance.
These 64 Kbytes SRAM can also be retained in Standby mode.
The SRAM2 can be write-protected with 1 Kbyte granularity.
•
384 Kbytes mapped at address 0x2004 0000 - (SRAM3).
The memory can be accessed in read/write at CPU clock speed with 0 wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com