Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJS316700 Datasheet(PDF) 5 Page - Amphenol PCD, Inc

Part # SJS316700
Description  Socket Junction Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

SJS316700 Datasheet(HTML) 5 Page - Amphenol PCD, Inc

  SJS316700 Datasheet HTML 1Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 2Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 3Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 4Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 5Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 6Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 7Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 8Page - Amphenol PCD, Inc SJS316700 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Front & Side View
Top View
Socket Junction Module Dimensions
Socket Junction Modules
Amphenol Pcd
www.amphenolpcd.com
Milaero@amphenolpcd.com
1-978-624-3400
72 Cherry Hill Drive Beverly, MA 01915
M81714/60-16
Series II Size 16
Amphenol Pcd Socket Junction Modules
Materials
Module Body:
Polyetherimide per ASTM-D5205
Grommet:
Silicone Blend Elastomer per A-A-59588
Contact Retainers:
Stainless Steel
Internal Pin and Socket Contacts:
Copper Alloy, Hard Gold Plated in
Accordance with MIL-G-45204
Operating Range
Temperature:
-65ºC to 200ºC
Insulation Resistance:
5000 Megaohms @ 25ºC
Dielectric Withstanding Voltage:
1500 VRMS at Sea Level
200 VRMS at 110,000 ft.
Current Rating
13 Amps
Vibration & Shock:
MIL-T-81714 Paragraph
3.5.5 and 3.5.8
Contact
Military P/N
APCD P/N
QTY*
Size
1
P/N M39029
Bussing
Configurations
M81714/60-16-01
M81714/60-16-02
M81714/60-16-03
SJM016100
SJM016200
SJM016300
6
6
6
16/16
16/16
16/16
/22-193
/22-193
/22-193
Part Numbers
.510
.672
.920
MAX
*Quantity figure denotes number of contacts accommodated by module. Modules are supplied with one additional spare contacts and two sealing plugs.
1
Mating End / Wire Barrel.
AB
CD
EF
SKT
M81714/60-16-01 SHOWN
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com