Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2731CDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2731CDBVT
Description  Advanced LinCMOS RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2731CDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV2731CDBVT Datasheet HTML 1Page - Texas Instruments TLV2731CDBVT Datasheet HTML 2Page - Texas Instruments TLV2731CDBVT Datasheet HTML 3Page - Texas Instruments TLV2731CDBVT Datasheet HTML 4Page - Texas Instruments TLV2731CDBVT Datasheet HTML 5Page - Texas Instruments TLV2731CDBVT Datasheet HTML 6Page - Texas Instruments TLV2731CDBVT Datasheet HTML 7Page - Texas Instruments TLV2731CDBVT Datasheet HTML 8Page - Texas Instruments TLV2731CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TLV2731, TLV2731Y
Advanced LinCMOS
 RAIL-TO-RAIL
LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS198A – AUGUST 1997 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Output Swing Includes Both Supply Rails
D Low Noise . . . 15 nV/√Hz Typ at f = 1 kHz
D Low Input Bias Current ...1 pA Typ
D Fully Specified for Single-Supply 3-V and
5-V Operation
D Common-Mode Input Voltage Range
Includes Negative Rail
D High Gain Bandwidth ...2 MHz at
VDD = 5 V with 600 Ω Load
D High Slew Rate . . . 1.6 V/µs at VDD = 5 V
D Wide Supply Voltage Range
2.7 V to 10 V
D Macromodel Included
description
The TLV2731 is a single low-voltage operational amplifier available in the SOT-23 package. It offers 2 MHz of
bandwidth and 1.6 V/
µs of slew rate for applications requiring good ac performance. The device exhibits
rail-to-rail output performance for increased dynamic range in single or split supply applications. The TLV2731
is fully characterized at 3 V and 5 V and is optimized for low-voltage applications.
The TLV2731, exhibiting high input impedance and low noise, is excellent for small-signal conditioning of
high-impedance sources, such as piezoelectric transducers. Because of the micropower dissipation levels
combined with 3-V operation, these devices work well in hand-held monitoring and remote-sensing
applications. In addition, the rail-to-rail output feature with single- or split-supplies makes this family a great
choice when interfacing with analog-to-digital converters (ADCs). The device can also drive 600-
Ω loads for
telecom applications.
With a total area of 5.6mm2, the SOT-23 package only requires one-third the board space of the standard 8-pin
SOIC package. This ultra-small package allows designers to place single amplifiers very close to the signal
source, minimizing noise pick-up from long PCB traces.
AVAILABLE OPTIONS
TA
VIOmax AT 25°C
PACKAGED DEVICES
SYMBOL
CHIP
FORM‡
TA
VIOmax AT 25°C
SOT-23 (DBV)†
SYMBOL
FORM‡
(Y)
0
°C to 70°C
3 mV
TLV2731CDBV
VALC
TLV2731Y
–40
°C to 85°C
3 mV
TLV2731IDBV
VALI
TLV2731Y
† The DBV package available in tape and reel only.
‡ Chip forms are tested at TA = 25°C only.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBV PACKAGE
(TOP VIEW)
5
4
3
1
2
IN +
VDD+
OUT
VDD– /GND
IN–
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Advanced LinCMOS is a trademark of Texas Instruments.


Similar Part No. - TLV2731CDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2731CDBVT TI-TLV2731CDBVT Datasheet
793Kb / 31P
Advanced LinCMOS RAIL-TO-RAIL
TLV2731CDBVTG4 TI-TLV2731CDBVTG4 Datasheet
793Kb / 31P
Advanced LinCMOS RAIL-TO-RAIL
More results

Similar Description - TLV2731CDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC226X TI-TLC226X Datasheet
932Kb / 59P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2231 TI1-TLV2231_08 Datasheet
767Kb / 30P
Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2731IDBVR TI-TLV2731IDBVR Datasheet
818Kb / 31P
Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
Advanced LinCMOS Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com