Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5638MDREP Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV5638MDREP
Description  2.7-V T0 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5638MDREP Datasheet(HTML) 2 Page - Texas Instruments

  TLV5638MDREP Datasheet HTML 1Page - Texas Instruments TLV5638MDREP Datasheet HTML 2Page - Texas Instruments TLV5638MDREP Datasheet HTML 3Page - Texas Instruments TLV5638MDREP Datasheet HTML 4Page - Texas Instruments TLV5638MDREP Datasheet HTML 5Page - Texas Instruments TLV5638MDREP Datasheet HTML 6Page - Texas Instruments TLV5638MDREP Datasheet HTML 7Page - Texas Instruments TLV5638MDREP Datasheet HTML 8Page - Texas Instruments TLV5638MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TLV5638EP
2.7V TO 5.5V LOW POWER DUAL 12BIT DIGITALTOANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SGLS130B − JULY 2002 − REVISED DECEMBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Serial
Interface
and
Control
12-Bit
DAC B
Latch
SCLK
DIN
CS
OUTA
Power-On
Reset
x2
12
2-Bit
Control
Latch
Power
and Speed
Control
2
Voltage
Bandgap
PGA With
Output Enable
12-Bit
DAC A
Latch
12
REF
AGND
VDD
2
12
12
OUTB
x2
Buffer
12
Terminal Functions
TERMINAL
I/O/P
DESCRIPTION
NAME
NO.
I/O/P
DESCRIPTION
AGND
5
P
Ground
CS
3
I
Chip select. Digital input active low, used to enable/disable inputs
DIN
1
I
Digital serial data input
OUT A
4
O
DAC A analog voltage output
OUT B
7
O
DAC B analog voltage output
REF
6
I/O
Analog reference voltage input/output
SCLK
2
I
Digital serial clock input
VDD
8
P
Positive power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com