Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5619CPWR.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV5619CPWR.A
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5619CPWR.A Datasheet(HTML) 2 Page - Texas Instruments

  TLV5619CPWR.A Datasheet HTML 1Page - Texas Instruments TLV5619CPWR.A Datasheet HTML 2Page - Texas Instruments TLV5619CPWR.A Datasheet HTML 3Page - Texas Instruments TLV5619CPWR.A Datasheet HTML 4Page - Texas Instruments TLV5619CPWR.A Datasheet HTML 5Page - Texas Instruments TLV5619CPWR.A Datasheet HTML 6Page - Texas Instruments TLV5619CPWR.A Datasheet HTML 7Page - Texas Instruments TLV5619CPWR.A Datasheet HTML 8Page - Texas Instruments TLV5619CPWR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
_
+
REFIN
12
19
20
1
2
3
4
5
6
18
17
D0
D1
D2
D3
D4
D5
D6
D7
CS
WE
Power-On
Reset
12
12
x2
LDAC
16
13
OUT
12-Bit
Input
Register
Select
and
Control
Logic
12-Bit
DAC
Latch
7
D8
8
D9
9
D10
10
D11
PD
15
Resistor
String DAC
TLV5619
SLAS172F – DECEMBER 1997 – REVISED FEBRUARY 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CS
18
I
Chip select
D0 (LSB)-D11 (MSB)
19, 20, 1-10
I
Parallel data input
GND
14
Ground
LDAC
16
I
Load DAC
OUT
13
O
Analog output
PD
15
I
When low, disables all buffer amplifier voltages to reduce supply current
REFIN
12
I
Voltage reference input
VDD
11
Positive power supply
WE
17
I
Write enable
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com