Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP100NA/3K.B Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP100NA/3K.B
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP100NA/3K.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP100NA/3K.B Datasheet HTML 5Page - Texas Instruments TMP100NA/3K.B Datasheet HTML 6Page - Texas Instruments TMP100NA/3K.B Datasheet HTML 7Page - Texas Instruments TMP100NA/3K.B Datasheet HTML 8Page - Texas Instruments TMP100NA/3K.B Datasheet HTML 9Page - Texas Instruments TMP100NA/3K.B Datasheet HTML 10Page - Texas Instruments TMP100NA/3K.B Datasheet HTML 11Page - Texas Instruments TMP100NA/3K.B Datasheet HTML 12Page - Texas Instruments TMP100NA/3K.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TMP100, TMP101
www.ti.com
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
7.3 Feature Description
7.3.1 Digital Temperature Output
The digital output from each temperature measurement conversion is stored in the read-only Temperature
Register. The Temperature Register of the TMP100 or TMP101 device is a 12-bit, read-only register that stores
the output of the most recent conversion. Two bytes must be read to obtain data and are listed in Table 6 and
Table 7. The first 12 bits are used to indicate temperature with all the remaining bits equal to zero. The data
format for temperature is listed in Table 1. Negative numbers are represented in binary twos complement format.
Following power-up or reset, the temperature register reads 0°C until the first conversion is complete.
The user can obtain 9, 10, 11, or 12 bits of resolution by addressing the Configuration Register and setting the
resolution bits accordingly. For 9-, 10-, or 11-bit resolution, the most significant bits (MSBs) in the Temperature
Register are used with the unused least significant bits (LSBs) set to zero.
Table 1. Temperature Data Format
DIGITAL OUTPUT
TEMPERATURE
(°C)
BINARY
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0
0000 0000 0000
000
–0.25
1111 1111 1100
FFC
–25
1110 0111 0000
E70
–55
1100 1001 0000
C90
–128
1000 0000 0000
800
7.3.2 Serial Interface
The TMP100 and TMP101 devices operate only as slave devices on the SMBus, Two-Wire, and I2C interface-
compatible bus. Connections to the bus are made through the open-drain I/O lines SDA and SCL. The TMP100
and TMP101 devices support the transmission protocol for fast (up to 400 kHz) and high-speed (up to 2 MHz)
modes. All data bytes are transmitted MSB first.
7.3.2.1 Bus Overview
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the START and STOP conditions.
To address a specific device, a START condition is initiated, indicated by pulling the data line (SDA) from a HIGH
to LOW logic level while SCL is HIGH. All slaves on the bus shift in the slave address byte, with the last bit
indicating whether a read or write operation is intended. During the ninth clock pulse, the slave being addressed
responds to the master by generating an Acknowledge and pulling SDA LOW.
Data transfer is then initiated and sent over eight clock pulses followed by an Acknowledge Bit. During data
transfer, SDA must remain stable while SCL is HIGH because any change in SDA while SCL is HIGH is
interpreted as a control signal.
When all data are transferred, the master generates a STOP condition indicated by pulling SDA from LOW to
HIGH, while SCL is HIGH.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TMP100 TMP101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com