Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP105 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP105
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP105 Datasheet(HTML) 2 Page - Texas Instruments

  TMP105 Datasheet HTML 1Page - Texas Instruments TMP105 Datasheet HTML 2Page - Texas Instruments TMP105 Datasheet HTML 3Page - Texas Instruments TMP105 Datasheet HTML 4Page - Texas Instruments TMP105 Datasheet HTML 5Page - Texas Instruments TMP105 Datasheet HTML 6Page - Texas Instruments TMP105 Datasheet HTML 7Page - Texas Instruments TMP105 Datasheet HTML 8Page - Texas Instruments TMP105 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
A1
B1
C1
A2
B2
C2
SDA
SCL
V+
GND
ALERT
A0
WCSP-6PACKAGE
(TOPVIEW)
Note:Pin1isdeterminedbyorientingthepackagemarkingasindicatedinthediagram.
(BumpSideDown)
TMP105
SLLS648D
– FEBRUARY 2005 – REVISED SEPTEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PACKAGE
PART NUMBER
SYMBOL
Wafer chip-scale package (YZC)
TMP105YZC
EY
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the
product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Power Supply, V+
7.0V
Input Voltage(2)
–0.5V to 7.0V
Input Current
10mA
Operating Temperature Range
–55°C to +127°C
Storage Temperature Range
–60°C to +130°C
Junction Temperature (TJ max)
+150
°C
ESD Rating:
Human Body Model (HBM)(3)
2000V
Charged-Device Model (CDM)(4)
500V
Machine Model (MM)(5)
200V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input voltage rating applies to all TMP105 input voltages.
(3)
HBM testing has been tested to TI specifications JEDEC JESD22-A114C.01.
(4)
CDM testing has been tested to TI specifications JEDEC EIA/JESD22-A115A.
(5)
MM testing has been tested to TI specifications JEDEC JESD22-C101C.
PIN ASSIGNMENTS
2
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): TMP105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com