| Electronic Components Datasheet Search |
|
TMP103CYFFR Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP103CYFFR Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 30 page ![]() Measured Temperature T HIGH T LOW FHBit (TransparentMode) Read Read Time Read FLBit (TransparentMode) FHBit (LatchMode) FLBit (LatchMode) 12 TMP103 SBOS545D – FEBRUARY 2011 – REVISED DECEMBER 2018 www.ti.com Product Folder Links: TMP103 Submit Documentation Feedback Copyright © 2011–2018, Texas Instruments Incorporated Programming (continued) Figure 12. Temperature Flag Functional Diagram The latch bit (LC) in the configuration register is used to latch the value of the flag bits (FH and FL) until the master issues a read command to the configuration register. The flag bits are set to 0 if a read command is received by the TMP103, or if LC = 0 and the temperature is within the temperature limits. The power-on default values for these bits are FH = 0, FL = 0, and LC = 0. 7.5.2 Conversion Rate The conversion rate bits, CR1 and CR0 located in the Configuration Register, configure the TMP103 for conversion rates of 8 Hz, 4 Hz, 1 Hz, or 0.25 Hz (default). The TMP103 has a typical conversion time of 26 ms. To achieve different conversion rates, the TMP103 performs a single conversion and then powers down and waits for the appropriate delay set by CR1 and CR0. Table 1 lists the settings for CR1 and CR0. Table 1. Conversion Rate Settings CR1 CR0 CONVERSION RATE 0 0 0.25 Hz (default) 0 1 1 Hz 1 0 4 Hz 1 1 8 Hz |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |