Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP108AIYFFR Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP108AIYFFR
Description  TMP108 Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP108AIYFFR Datasheet(HTML) 4 Page - Texas Instruments

  TMP108AIYFFR Datasheet HTML 1Page - Texas Instruments TMP108AIYFFR Datasheet HTML 2Page - Texas Instruments TMP108AIYFFR Datasheet HTML 3Page - Texas Instruments TMP108AIYFFR Datasheet HTML 4Page - Texas Instruments TMP108AIYFFR Datasheet HTML 5Page - Texas Instruments TMP108AIYFFR Datasheet HTML 6Page - Texas Instruments TMP108AIYFFR Datasheet HTML 7Page - Texas Instruments TMP108AIYFFR Datasheet HTML 8Page - Texas Instruments TMP108AIYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
TMP108
SBOS663A – APRIL 2013 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TMP108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
V+
Supply voltage
1.4
3.6
V
TA
Operating free-air temperature
–40
+125
°C
6.4 Thermal Information
THERMAL METRIC
TMP108
UNIT
YFF (DSBGA)
6 PINS
θJA
Junction-to-ambient thermal resistance
132.7
°C/W
θJC(top)
Junction-to-case(top) thermal resistance
1.7
°C/W
θJB
Junction-to-board thermal resistance
23
°C/W
ψJT
Junction-to-top characterization parameter
6
°C/W
ψJB
Junction-to-board characterization parameter
22.6
°C/W
θJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
°C/W
6.5 Electrical Characteristics
At TA = +25°C, and V+ = +1.8 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
+125
°C
Accuracy (temperature error)
–20°C to +85°C
–0.75
±0.15
0.75
°C
–40°C to +125°C
–1
±0.3
1
°C
Accuracy vs supply
–0.3
±0.03
0.3
°C/V
DIGITAL INPUT/OUTPUT
VIH
Input logic high level
0.7 (V+)
V+
V
VIL
Input logic low level
–0.5
0.3 (V+)
V
IIN
Input current
0 V < VIN < (V+) +0.3 V
1
μA
VOL
Output logic low level
V+ > 2 V, IOUT = 3 mA
0.4
V
V+ < 2 V, IOUT = 3 mA
0.2 (V+)
V
ALERT internal pullup resistor
ALERT to V+
80
100
120
kΩ
Resolution
12
Bit
Conversion time
One-Shot mode
21
27
33
ms
Conversion modes
CR1 = 0, CR0 = 0
0.25
Conv/s
CR1 = 0, CR0 = 1 (default)
1
Conv/s
CR1 = 1, CR0 = 0
4
Conv/s
CR1 = 1, CR0 = 1
16
Conv/s
Timeout time
21
28
35
ms
POWER SUPPLY
IQ
Quiescent current
Serial bus inactive, CR1 = 0, CR0 = 1 (default)
2
3.5
μA
Serial bus inactive, CR1 = 0, CR0 = 1 (default), –40°C
to +125°C
6
μA
Serial bus active, SCL frequency = 400 kHz, CR1 = 0,
CR0 = 1 (default)
12
μA
Serial bus active, SCL frequency = 3.4 MHz, CR1 = 0,
CR0 = 1 (default)
82
μA
ISD
Shutdown current
Serial bus inactive
0.3
1
μA
Serial bus active, SCL frequency = 400 kHz
10
μA
Serial bus active, SCL frequency = 3.4 MHz
80
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com