Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP141 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP141
Description  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP141 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP141 Datasheet HTML 8Page - Texas Instruments TMP141 Datasheet HTML 9Page - Texas Instruments TMP141 Datasheet HTML 10Page - Texas Instruments TMP141 Datasheet HTML 11Page - Texas Instruments TMP141 Datasheet HTML 12Page - Texas Instruments TMP141 Datasheet HTML 13Page - Texas Instruments TMP141 Datasheet HTML 14Page - Texas Instruments TMP141 Datasheet HTML 15Page - Texas Instruments TMP141 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TMP141
SBAS347A − MARCH 2005 − REVISED JULY 2006
www.ti.com
12
Register Ah: Temperature Control (Read/Write)
Bits 15−2: Reserved. These bits read as ‘0’.
Bit 1, Enable Sensor (EN_S): Default is ‘0’, which is the
disabled state. In addition to setting this bit, the enable bit
in register 5 must also be set in order to measure
temperature.
Bit 0, Attention Enable (AT_E): Default is disabled.
When this bit is set, and the sensor is enabled (bit 1), the
TMP141 will generate Attention Requests. If enabled, an
Attention Request will be generated when a bit is set in the
Device Status register (register 4). See Figure 5 for the
details on the conditions for generating an Attention
Request.
Note: A bus error always attempts to generate an Attention
Request.
(For
more
information
on
the
Attention
Request
conditions, see the flowcharts in Figure 4 and Figure 5,
and the information on Exception Handling on page 14.)
The rules for generating an Attention Request are
different, depending on whether it was caused by a bus
error or a temperature conversion. A bus error always
attempts to generate an Attention Request, whereas a
conversion or a conversion overrun has several conditions
that may prevent the assertion of Attention Request.
These differences are illustrated in Figure 4 and Figure 5.
Register 20h: Conversion Rate (Read/Write)
The conversion rate is controlled by both the low-power bit
in the Device Control register, and the Conversion Rate
setting in the Conversion Rate register. This register is
device-specific,
and therefore not defined by the
SensorPath specification. The conversion rate for a given
application is chosen based on system requirements and
limitations, such as the thermal response time of the
system (including the TMP141).
Table 4. Conversion Time Settings
LOW-POWER
MODE
(register 5, bit 2)
CONVERSION
RATE SETTING
(register 20h, bits
1−0 binary)
TYPICAL
CONVERSION
TIME
(ms)
0
00
64
1
00
96
0
01
96
1
01
382
0
10
190 (default)
1
10
766
0
11
382
1
11
1532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com