Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1718LF Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IP1718LF
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IP1718LF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP1718LF Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
8/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
73
IO_PWR
I
Power selection for I/O pad. 0:1.8V; 1:3.3V.
67
REG18
O
1.8V regulator control. This pin can be connected to the
base of the PNP transistor to generate the 1.8V power.
50, 53
N.C
Reserved for IC test. Leave it unconnected in
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com