Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471AIP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471AIP
Description  FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471AIP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV2471AIP Datasheet HTML 15Page - Texas Instruments TLV2471AIP Datasheet HTML 16Page - Texas Instruments TLV2471AIP Datasheet HTML 17Page - Texas Instruments TLV2471AIP Datasheet HTML 18Page - Texas Instruments TLV2471AIP Datasheet HTML 19Page - Texas Instruments TLV2471AIP Datasheet HTML 20Page - Texas Instruments TLV2471AIP Datasheet HTML 21Page - Texas Instruments TLV2471AIP Datasheet HTML 22Page - Texas Instruments TLV2471AIP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
www.ti.com
TJ = +150°C
4
3
2
0
−55 −40
−10
20 35
5
6
MAXIMUM POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
7
65
95
125
1
TA − Free-Air Temperature − °C
DGN Package
Low-K Test PCB
θJA = 52.3°C/W
SOT-23 Package
Low-K Test PCB
θJA = 324°C/W
−25
5
50
80
110
PWP Package
Low-K Test PCB
θJA = 29.7°C/W
SOIC Package
Low-K Test PCB
θJA = 176°C/W
PDIP Package
Low-K Test PCB
θJA = 104°C/W
TLV2470,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232E – JUNE 1999 – REVISED JULY 2007
APPLICATION INFORMATION (continued)
Results are obtained with no air flow and using JEDEC Standard Low-K test PCB.
Figure 47. Maximum Power Dissipation vs Free-Air Temperature
The next consideration is the package constraints. The two sources of heat within an amplifier are quiescent
power and output power. The designer should never forget about the quiescent heat generated within the
device, especially multi-amplifier devices. Because these devices have linear output stages (Class A-B), most of
the heat dissipation is at low output voltages with high output currents. Figure 48 to Figure 53 show this effect,
along with the quiescent heat, with an ambient air temperature of +70
°C and +125°C. When using V
DD = 3V,
there is generally not a heat problem with an ambient air temperature of +70
°C. But, when using V
DD = 5V, the
package is severely limited in the amount of heat it can dissipate. The other key factor when looking at these
graphs is how the devices are mounted on the PCB. The PowerPAD devices are extremely useful for heat
dissipation. But the device should always be soldered to a copper plane to fully use the heat dissipation
properties of the PowerPAD. The SOIC package, on the other hand, is highly dependent on how it is mounted
on the PCB. As more trace and copper area is placed around the device,
θJA decreases and the heat dissipation
capability increases. The currents and voltages shown in these graphs are for the total package. For the dual or
quad amplifier packages, the sum of the RMS output currents and voltages should be used to choose the proper
package.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com