Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP323F Datasheet(PDF) 1 Page - Europa PLC

Part # IP323F
Description  IP44 Industrial Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

IP323F Datasheet(HTML) 1 Page - Europa PLC

  IP323F Datasheet HTML 1Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document must be retained for future reference.
It is the responsibility of the person installing the electrical equipment to ensure that the installation meets the requirements of the IET wiring
regulations and is therefore ‘fit for purpose’. Factors such as correct selection of components, cable sizing, protective devices and Earth bonding are
all critical and should be checked prior to full testing and power-up. Any other regulations applicable to the equipment being installed such as the
Machinery Directive and current health and safety legislation must also be adhered to.
All connections (including factory made) must be checked for the correct tightness prior to commissioning of the electrical installation.
All connections should also be inspected periodically to ensure correct tightness.
DO NOT USE POWER TOOLS ON THESE PRODUCTS
Europa House, Airport Way, Luton, Bedfordshire, LU2 9NH
Technical: 01582 692 444 technical@europa-plc.com
www.europa-plc.com
Data Sheet
EDS1093-002
Page 1 of 1
EUR PA
Part
Number Amps
Colour and
Voltage
Poles
Protection
Degree
a (mm) b (mm) c (mm) sw(mm) Cable Nominal Cross
Section Area
IP163F
16A
Yellow
110V
2P + E
IP44
116
55
6-15
38
1 - 2.5
IP323F
32A
145
72
10-20
50
2.5 - 6
IP163F - IP323F IP44 Industrial Plugs
110V 16-32A 2P + E


Similar Part No. - IP323F

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
IP323912-1 DBUNLIMITED-IP323912-1 Datasheet
659Kb / 1P
Released from Engineering
logo
Seme LAB
IP323A SEME-LAB-IP323A Datasheet
65Kb / 7P
3 AMP POSITIVE VOLTAGE REGULATORS
IP323A-05 SEME-LAB-IP323A-05 Datasheet
65Kb / 7P
3 AMP POSITIVE VOLTAGE REGULATORS
IP323A-12 SEME-LAB-IP323A-12 Datasheet
65Kb / 7P
3 AMP POSITIVE VOLTAGE REGULATORS
IP323A-15 SEME-LAB-IP323A-15 Datasheet
65Kb / 7P
3 AMP POSITIVE VOLTAGE REGULATORS
More results

Similar Description - IP323F

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85720-1050 MOLEX-85720-1050 Datasheet
559Kb / 2P
RJ-45 Industrial Ethernet Plugs and Jacks
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Molex Electronics Ltd.
84727-1002 MOLEX2-84727-1002 Datasheet
401Kb / 3P
Industrial USB Plugs and Receptacles
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
Plugs & Jacks
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
Hole Plugs
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Tripp Lite. All Rights ...
N206-FP01-IND TRIPPLITE-N206-FP01-IND Datasheet
159Kb / 2P
Bulkhead Wall Plate, 1 Cutout, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
N206-FP02-IND TRIPPLITE-N206-FP02-IND Datasheet
159Kb / 2P
Bulkhead Wall Plate, 2 Cutouts, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
N206-FP04-IND TRIPPLITE-N206-FP04-IND Datasheet
163Kb / 2P
Bulkhead Wall Plate, 4 Cutouts, Industrial, Metal - Stainless Steel, IP44, Double Gang, TAA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com