Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3965 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3965
Description  Adafruit MPRLS Ported Pressure Sensor Breakout - 0 to 25 PSI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3965 Datasheet(HTML) 2 Page - Adafruit Industries

  3965 Datasheet HTML 1Page - Adafruit Industries 3965 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The port is made of stainless steel and is 3.7mm long and 2.5mm diameter. It
doesn't come with tubing so be sure to purchase some tubing to attach to the
port.
We've placed this nice sensor on a breakout board with 3.3V power regulation
and level shifting so you can use it with any kind of microcontroller or
microcomputer, from an Arduino compatible to Raspberry Pi
TECHNICAL DETAILS
Uses I2C address 0x18
0 to 25 absolute PSI measurement range
App notes and datasheets for Honeywell MPR series micro pressure
sensors
Product Dimensions: 17.8mm x 16.7mm x 7.5mm / 0.7" x 0.7" x 0.3"
Product Weight: 1.1g / 0.0oz
                                                https://www.adafruit.com/product/3965 10‐2‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com