Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3988 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3988
Description  Adafruit Prop-Maker FeatherWing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3988 Datasheet(HTML) 2 Page - Adafruit Industries

  3988 Datasheet HTML 1Page - Adafruit Industries 3988 Datasheet HTML 2Page - Adafruit Industries 3988 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
3W RGB LED drivers - 3 high current MOSFETs will let you connect a 3W
RGB LED for powerful eye-blasting glory. For most Feathers, the 3 pins are
PWM capable so you can generate any color you like. Available as pin
breakouts plus strain-relief holes
Triple-Axis Accelerometer with Tap Detection - The LIS3DH is our favorite
accelerometer, you can use this for detection motion, tilt or taps. Here's
an example of a light saber that makes sounds when swung or hit. We
have code for this chip in both Arduino and CircuitPython.
Class D Audio Amplifier - Drive a 8Ω 1Watt speaker or 4Ω 3W speaker for
sound effects.Plug and play with our cute and slim oval speaker,
or connect a picoblade cable for your favorite speaker. For use only with
Feathers that have analog audio out such as the Feather M0 Express and
M4 series.
Low power mode! The power system for the RGB LED, NeoPixels and
speaker amplifier can be controlled by a pin to cut power to them, so you
have lower power usage when the prop is in sleep or off mode (but can
wake up fast by listening to the button press or accelerometer data).
When the power pin is set low, the current draw for just the wing is under
1mA and no there's current draw from any attached NeoPixels - normally
they're about 1mA even when not lit.
Breakouts plus strain-relief hole for the enable pin and ground (for a
mechanical switch that will power down the whole board)
Breakouts plus strain-relief holes for an external switch pin and ground
(for a mechanical mode button)
Please note: A few of the onboard hardware elements use PWM and analog
output so we recommend the Feather M0 Express or Feather M4 series, they'll
work best with this wing and let you make the most of it. For example:
Feather 32u4 and 328p do not have PWMs for all the RGB LED pins, and no
analog audio output support
Feather nRF52, ESP32 ESP8266 do have PWMs on all the RGB LED pins but
no analog audio output support
Feather M0 basic boards only have audio output support in Arduino, not
CircuitPython.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com