Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX38 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # BPX38
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX38 Datasheet(HTML) 4 Page - OSRAM GmbH

  BPX38_99 Datasheet HTML 1Page - OSRAM GmbH BPX38_99 Datasheet HTML 2Page - OSRAM GmbH BPX38_99 Datasheet HTML 3Page - OSRAM GmbH BPX38_99 Datasheet HTML 4Page - OSRAM GmbH BPX38_99 Datasheet HTML 5Page - OSRAM GmbH BPX38_99 Datasheet HTML 6Page - OSRAM GmbH BPX38_99 Datasheet HTML 7Page - OSRAM GmbH BPX38_99 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2007-04-02
4
BPX 43
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit arabischen Ziffern
gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished by
arabian figures.
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
-2
-3
-4
-5
Fotostrom,
λ = 950 nm
Photocurrent
E
e = 0.5 mW/cm
2, V
CE = 5 V
E
v = 1000 Ix, Normlicht/standard light A,
V
CE = 5 V
I
PCE
I
PCE
0.8 …1.6
3.8
1.25 …2.5
6.0
2.0…4.0
9.5
≥ 3.2
15.0
mA
mA
Anstiegszeit/Abfallzeit
Rise and fall time
I
C = 1 mA, VCC = 5 V, RL = 1 kΩ
t
r, tf
9
12
15
18
μs
Kollektor-Emitter-Sättigungsspannung
Collector-emitter saturation voltage
I
C = IPCEmin
1)
× 0.3
E
e = 0.5 mW/cm
2
V
CEsat
200
220
240
260
mV
Stromverstärkung
Current gain
E
e = 0.5 mW/cm
2, V
CE = 5 V
110
170
270
430
–
1)
I
PCEmin ist der minimale Fotostrom der jeweiligen Gruppe.
1)
I
PCEmin is the min. photocurrent of the specified group.
IPCE
IPCB
------------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com