Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4147 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4147
Description  ADXL343 ADT7410 Sensor FeatherWing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4147 Datasheet(HTML) 1 Page - Adafruit Industries

  4147 Datasheet HTML 1Page - Adafruit Industries 4147 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
ADXL343 + ADT7410 Sensor FeatherWing
PRODUCT ID: 4147
 
Upgrade any Feather board with motion and precision temperature sensing, with
this all-in-one sensing FeatherWing. It sports two fantastic sensors from Analog
Devices: an ADXL343 triple-axis accelerometer and an ADT7410 precision
temperature sensor.
Both sensors are connected over the shared I2C bus, so you can use it with any
and all Feathers! We also break out the interrupt pins and address-selection
jumpers in case you want multiple Feathers or have I2C address conflicts. We've
got both Arduino (C/C++) and CircuitPython libraries available so you can use it
with any Feather board and get data readings in under 5 minutes.
The Analog Devices ADXL343 has three axes of measurements, X Y Z. You can
set the sensitivity level to either +-2g, +-4g, +-8g or +-16g. The lower range
gives more resolution for slow movements, the higher range is good for high
speed tracking. The ADXL343 is the latest and greatest from Analog Devices,
known for their exceptional quality MEMS devices.


Similar Part No. - 4147

ManufacturerPart #DatasheetDescription
logo
Carclo Technical Plasti...
4147 COIL-4147 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
C&D Technologies
41470 CANDD-41470 Datasheet
172Kb / 1P
Toroidal Surface Mount Inductors
logo
Murata Manufacturing Co...
41470C MURATA-41470C Datasheet
114Kb / 2P
Toroidal Surface Mount Inductors
logo
Murata Power Solutions ...
41470C MURATA-PS-41470C Datasheet
186Kb / 2P
Toroidal Surface Mount Inductors
logo
Tyco Electronics
41471 MACOM-41471 Datasheet
51Kb / 1P
RING
More results

Similar Description - 4147

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
sensor
logo
Murata Manufacturing Co...
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
Sensor
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
Sensor
IRA-S410ST03 MURATA-IRA-S410ST03_17 Datasheet
219Kb / 3P
Sensor
PKGS-00LDP1-R MURATA-PKGS-00LDP1-R_17 Datasheet
201Kb / 3P
Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
Sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com