Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX82 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPX82
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX82 Datasheet(HTML) 1 Page - OSRAM GmbH

  BPX82 Datasheet HTML 1Page - OSRAM GmbH BPX82 Datasheet HTML 2Page - OSRAM GmbH BPX82 Datasheet HTML 3Page - OSRAM GmbH BPX82 Datasheet HTML 4Page - OSRAM GmbH BPX82 Datasheet HTML 5Page - OSRAM GmbH BPX82 Datasheet HTML 6Page - OSRAM GmbH BPX82 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BPX 80
BPX 82
… 89
NPN-Silizium-Fototransistor Zeilen
Silicon NPN Phototransistor Arrays
Lead (Pb) Free Product - RoHS Compliant
2007-04-04
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 450 nm bis 1100 nm
• Hohe Linearität
• Mehrstellige Zeilenbauform aus klarem Epoxy
• Gruppiert lieferbar
Anwendungen
• Miniaturlichtschranken für Gleich- und
Wechsellichtbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
Fotostrom , E
e= 0.5 mW/cm
2,
λ = 950 nm, V
CE = 5 V
Photocurrent
I
PCE (mA)
BPX 82
Q62702P0021
> 0.32
BPX 83
Q62702P0025
> 0.32
BPX 84
Q62702P0030
> 0.32
BPX 85
Q62702P0031
> 0.32
BPX 86
Q62702P0022
> 0.32
BPX 87
Q62702P0032
> 0.32
BPX 88
Q62702P0033
> 0.32
BPX 89
Q62702P0026
> 0.32
BPX 80
Q62702P0028
> 0.32
Features
• Especially suitable for applications from
450 nm to 1100 nm
• High linearity
• Multiple-digit array package of transparent
epoxy
• Available in groups
Applications
• Miniature photointerrupters
• Industrial electronics
• For control and drive circuits


Similar Part No. - BPX82

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX82 SIEMENS-BPX82 Datasheet
203Kb / 5P
NPN-Silizium-Fototransistor Zeilen Silicon NPN Phototransistor Arrays
logo
OSRAM GmbH
BPX82 OSRAM-BPX82 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX82 OSRAM-BPX82 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX82 OSRAM-BPX82 Datasheet
331Kb / 11P
Miniature photointerrupters
BPX82 OSRAM-BPX82 Datasheet
331Kb / 11P
Miniature photointerrupters
More results

Similar Description - BPX82

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com