Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4332 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4332
Description  Fomu - ICE40 FPGA Development Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4332 Datasheet(HTML) 2 Page - Adafruit Industries

  4332 Datasheet HTML 1Page - Adafruit Industries 4332 Datasheet HTML 2Page - Adafruit Industries 4332 Datasheet HTML 3Page - Adafruit Industries 4332 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
runs RISC-V
Underneath the Python interpreter lies a RISC-V softcore running on
the FPGA fabric. RISC-V is an up-and-coming processor
architecture that is poised to take over everything from deeply-
embedded chips to high-performance computing. Fomu’s RISC-V
softcore is a great introduction to the processor architecture of the
future.
is an FPGA
An FPGA is a piece of reconfigurable silicon. The default Fomu
firmware exposes a USB bootloader running a RISC-V softcore, but
you can load whatever you want. Softcores are also available for
LM32 and OpenRISC. You can practice adding instructions to the
CPU, or add new blocks such as LED blink patterns or better
captouch hardware blocks.
is entirely open
Developing with Fomu is incredibly easy: just load code via USB and
go. Whether you’re writing RISC-V code, Python code, or HDL, it’s
all uploaded to Fomu in the same way. The ICE40UP5K FPGA is
supported with a fully open toolchain, meaning you can start
development without creating an account, signing an NDA, or
downloading a multi-gigabyte installer.
An FPGA is an Array of Gates that is Field-Programmable. When you buy a chip
such as a CPU, the logic cells are all fixed in place. A CPU can run any amount of
code, but if you want to do anything exotic you need to create software and,
depending on what you want to do, that software can be very slow.
For example, many embedded projects use WS2812 LEDs such as NeoPixels that
require a specialized timing signal. A CPU can generate this signal in software,
but it can’t do anything in the background while talking to the light. If the string
of LEDs is very long, then the CPU wastes a lot of time and power generating the
signal.
With an FPGA, it becomes possible to create an “LED driver” that allows the CPU
to keep running while a hardware component handles the timing. The CPU could
do other work, or could put itself in a low power state.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com