Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT157A Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHCT157A
Description  QUAD 2 CHANNEL MULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT157A Datasheet(HTML) 4 Page - STMicroelectronics

  74VHCT157A Datasheet HTML 1Page - STMicroelectronics 74VHCT157A Datasheet HTML 2Page - STMicroelectronics 74VHCT157A Datasheet HTML 3Page - STMicroelectronics 74VHCT157A Datasheet HTML 4Page - STMicroelectronics 74VHCT157A Datasheet HTML 5Page - STMicroelectronics 74VHCT157A Datasheet HTML 6Page - STMicroelectronics 74VHCT157A Datasheet HTML 7Page - STMicroelectronics 74VHCT157A Datasheet HTML 8Page - STMicroelectronics 74VHCT157A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
Capacitance (note 1)
20
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/4 (per Channel)
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
CL
(pF )
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay
Time
A, B to Y
5.0
(*)
15
6.2
9.7
1.0
11.5
ns
5.0
(*)
50
8.7
13.2
1.0
15.0
tPLH
tPHL
Propagation Delay
Time
SELECT to Y
5.0
(*)
15
8.4
13.2
1.0
15.5
ns
5.0
(*)
50
10.9
16.7
1.0
19.0
tPLH
tPHL
Propagation Delay
Time
STROBE to Y
5.0
(*)
15
8.7
13.6
1.0
16.0
ns
5.0
(*)
50
11.2
17.1
1.0
19.5
(*) Voltage range is 5V
± 0.5V
74VHCT157A
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com