| Electronic Components Datasheet Search |
|
PLP2-10MM Datasheet(PDF) 1 Page - Bivar, Inc. |
|
|
|||||||||||||||||||||||||||||
PLP2-10MM Datasheet(HTML) 1 Page - Bivar, Inc. |
|
1 / 2 page ![]() 4 THOMAS, IRVINE, CA. 92618 ® TEL: (949) 951-8808 FAX: (949) 951-3974 TITLE: ( UNLESS OTHERWISE SPECIFIED ) DECIMALS ANGULAR STANDARD TOLERANCE .X ± .1 .XX ± .01 .XXX ± .005 X° ± 1° DESIGNED: DATE: CHECKED: DATE: PART NO: CAGE CODE : 32559 REVISION: W SHEET # OF PLP2-XXX CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING. 1 Michael Chen 01/16/02 E. M. Muldoon 04/26/02 REV. DATE APPROVED DESCRIPTION 2 PRESS-FIT, PANEL MOUNT, 2. MATERIAL: POLYCARBONATE, 94V-0, CLEAR. 1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101 and BSMC-1001. LIGHT PIPE, FRONT MOUNT R Updated General Specifications Note 1. 10/01/12 T. Y. W Added Color Options, Sheet #2. 02/02/16 J. C. T Added Panel Thickness. 05/01/15 J. C. 0.750 ( 19.0mm ) 0.625 ( 15.9mm ) 0.500 ( 12.7mm ) 0.375 ( 9.5mm ) 0.350 ( 8.9mm ) 0.250 ( 6.4mm ) 0.125 ( 3.2mm ) PLP2-125 PLP2-750 PLP2-625 PLP2-500 PLP2-350 PLP2-375 PLP2-250 Part No. X = Body Length PLP2-215 0.215 ( 5.5mm ) PLP2-1000 1.000 ( 25.4mm ) PLP2-1200 1.200 ( 30.5mm ) 0.100 ( 2.5mm ) PLP2-100 PLP2-188 0.188 ( 4.8mm ) 0.313 ( 7.9mm ) PLP2-313 U Added .100", .188", .313" Lengths to Offering List. 05/27/15 J. C. V Added Metric Lengths to Offering List. 07/15/15 J. C. PLP2-3MM 3mm ( 0.118" ) PLP2-4MM 4mm ( 0.157" ) PLP2-5MM 5mm ( 0.197" ) PLP2-6MM 6mm ( 0.236" ) PLP2-7MM 7mm ( 0.276" ) PLP2-8MM 8mm ( 0.315" ) PLP2-9MM 9mm ( 0.354" ) PLP2-10MM 10mm ( 0.394" ) X 0.030 [0.8mm] Ø0.130 [Ø3.3mm] FLANGE Ø0.112 [Ø2.8mm] LIGHT PIPE Ø0.122 [Ø3.1mm] REF. Recommended Mounting Hole Panel Thickness: 0.047"- 0.093" Ø0.115 +.003 -.002 |
Similar Part No. - PLP2-10MM |
|
Similar Description - PLP2-10MM |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |