Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC44L01DBR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC44L01DBR
Description  4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC44L01DBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC44L01DBR Datasheet HTML 3Page - Texas Instruments TPIC44L01DBR Datasheet HTML 4Page - Texas Instruments TPIC44L01DBR Datasheet HTML 5Page - Texas Instruments TPIC44L01DBR Datasheet HTML 6Page - Texas Instruments TPIC44L01DBR Datasheet HTML 7Page - Texas Instruments TPIC44L01DBR Datasheet HTML 8Page - Texas Instruments TPIC44L01DBR Datasheet HTML 9Page - Texas Instruments TPIC44L01DBR Datasheet HTML 10Page - Texas Instruments TPIC44L01DBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TPIC44L01, TPIC44L02, TPIC44L03
4CHANNEL SERIAL AND PARALLEL LOW SIDE PREFET DRIVER
SLIS062B – NOVEMBER 1996 – REVISED AUGUST 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, Vbat = 12 V, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(STBFM)
Short-to-battery/shorted-load/open-load
fault mask time
See Figures 14 and 15
60
µs
t(STBDG)
Short-to-battery/shorted-load deglitch time
See Figure 14
8
µs
tPLH
Propagation turnon delay time, CS or
IN0-IN3 to GATE0–GATE3
C(gate) = 400 pF,
See Figure 1
4
µs
tPHL
Propagation turnoff delay time, CS or
IN0-IN3 to GATE0–GATE3
C(gate) = 400 pF,
See Figure 2
3.5
µs
tr(1)
Rise time GATE0–GATE3
C(gate) = 400 pF,
See Figure 3
3.5
µs
tf(1)
Fall time, GATE0–GATE3
C(gate) = 400 pF,
See Figure 4
3
µs
f(SCLK)
Serial clock frequency
10
MHz
trf(SB)
Refresh time, short-to-battery
TPIC46L01 only,
See Figure 14
10
ms
tw
Refresh pulse width, short-to-battery
TPIC46L01 only,
See Figure 14
68
µs
tsu(1)
Setup time, CS
↓ to ↑SCLK
See Figure 5
10
ns
tpd(1)
Propagation delay time, CS
↓ to SDO valid
RL = 10 kΩ,
See Figure 6
CL = 200 pF,
40
ns
tpd(2)
Propagation delay time, SCLK
↓ to SDO
valid
See Figure 6
20
ns
tpd(3)
Propagation delay time, CS
↑ to SDO
3-state
RL = 10 kΩ,
See Figure 7
CL = 50 pF,
2
µs
tr2
Rise time, SDO 3-state to SDO valid
RL = 10 kΩ to GND,
CL = 200 pF,
Over-battery fault,
See Figure 8
30
ns
tf(2)
Fall time, SDO 3-state to SDO valid
RL = 10 kΩ to VCC,
CL = 200 pF,
No faults,
See Figure 9
20
ns
tr(3)
Rise time, FLT
RL = 10 kΩ,
See Figure 10
CL = 50 pF,
1.2
µs
tf(3)
Fall time, FLT
RL = 10 kΩ,
See Figure 11
CL = 50 pF,
15
ns
Figure 1
tPLH
50%
90%
CS or IN0–IN3
GATE0–GATE3
Figure 2
tPHL
50%
50%
10%
CS
GATE0–GATE3
IN0–IN3
or
Figure 3
90%
10%
tr(1)
GATE0–GATE3
Figure 4
GATE0–GATE3
tf(1)
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com