Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2113L6 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2113L6
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2113L6 Datasheet(HTML) 2 Page - International Rectifier

  IR2113L6 Datasheet HTML 1Page - International Rectifier IR2113L6 Datasheet HTML 2Page - International Rectifier IR2113L6 Datasheet HTML 3Page - International Rectifier IR2113L6 Datasheet HTML 4Page - International Rectifier IR2113L6 Datasheet HTML 5Page - International Rectifier IR2113L6 Datasheet HTML 6Page - International Rectifier IR2113L6 Datasheet HTML 7Page - International Rectifier IR2113L6 Datasheet HTML 8Page - International Rectifier IR2113L6 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IR2113L6
2
www.irf.com
Typical Connection
HIN
up to 500V
TO
LOAD
V
DD
V
B
V
S
HO
LO
COM
HIN
LIN
V
SS
SD
V
CC
LIN
V
DD
SD
V
SS
V
CC
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. The VS and VSS offset ratings are tested with all supplies biased at 15V differential. Typical
ratings at other bias conditions are shown in Figures 36 and 37.
Symbol
Parameter
Min.
Max.
Units
VB
High Side Floating Supply Absolute Voltage
VS + 10
VS + 20
VS
High Side Floating Supply Offset Voltage
-4
600
VHO
High Side Output Voltage
VS
VB
VCC
Low Side Fixed Supply Voltage
10
20
VLO
Low Side Output Voltage
0
VCC
VDD
Logic Supply Voltage
VSS + 5
VSS + 20
VSS
Logic Supply Offset Voltage
-5
5
VIN
Logic Input Voltage (HIN, LIN & SD)
VSS
VDD
V
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, and VSS = COM unless otherwise specified. The dynamic electrical characteristics are
measured using the test circuit shown in Figure 3.
Tj = 25
°C
Tj = -55 to
125
°C
6
Parameter
Min
Typ. Max. Min. Max Units
Test Conditions
ton
Turn-On Propagation Delay
—
120
150
—
260
VS = 0V
toff
Turn-Off Propagation Delay
—
94
125
—
220
VS = 600V
tsd
Shutdown Propagation Delay
—
110
140
—
235
ns
VS = 600V
tr
Turn-On Rise Time
—
25
35
—
50
CL = 1000pf
tf
Turn-Off Fall Time
—
17
25
—
40
CL = 1000pf
Mt
Delay Matching, HS & LS Turn-On/Off
—
—
20
—
—
Hton-Lton / Htoff-Ltoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com