Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP100ALF Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
IP100A LF
Preliminary Data Sheet
9/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
3
PIN Descriptions
PIN NAME
PIN TYPE
PIN DESCRIPTION
PCI INTERFACE
RSTN
INPUT
Reset, asserted LOW. RSTN will cause the IP100A LF to reset all of its
functional blocks. RSTN must be asserted for a minimum duration of 10
PCICLK cycles.
PCICLK
INPUT
PCI Bus Clock. This clock is used to drive the PCI bus interfaces and the
internal DMA logic. All bus signals are sampled on the rising edges of
PCICLK. PCICLK can operate from 25MHz to 33MHz.
GNTN
INPUT
PCI Bus Grant, asserted LOW. GNTN signals access to the PCI bus has
been granted to IP100A LF.
IDSEL
INPUT
Initialization Device Select. The IDSEL is used to select the IP100A LF
during configuration read and write transactions.
INTAN
OUTPUT
Interrupt Request, asserted LOW. The IP100A LF asserts INTAN to
request an interrupt, when any one of the programmed interrupt event
occurs.
PMEN
OUTPUT
Wake Event, assertion level is programmable (see the WakePolarity bit of
the WakeEvent register). The IP100A LF asserts PMEN to signal the
detection of a wake event.
REQN
OUTPUT
Request, asserted LOW. The IP100A LF asserts REQN to request PCI bus
master operation.
AD
[31..0]
IN/OUT
PCI Bus Address/Data. Address and data are multiplexed on the AD pins.
The AD pins carry the physical address during the first clock cycle of a
transaction, and carry data during the subsequent clock cycles.
CBEN
[3..0]
IN/OUT
PCI Bus Command/Byte Enable, asserted LOW. Bus command and byte
enables are multiplexed on the CBEN pins. CBEN specify the bus
command during the address phase transaction, and carry byte enables
during the data phase.
PAR
IN/OUT
Parity. PCI Bus parity is even across AD[31..0] and CBEN[3..0]. The
IP100A LF generates PAR during address and write data phases as a bus
master, and during read data phase as a target. It checks for correct PAR
during read data phase as bus master, during every address phase as a
bus slave, and during write data phases as a target.
FRAMEN
IN/OUT
PCI Bus Cycle Frame, asserted LOW. FRAMEN is an indication of a
transaction. It is asserted at the beginning of the address phase of the bus
transaction and de-asserted before the final transfer of the data phase of
the transaction.
IRDYN
IN/OUT
Initiator Ready, asserted LOW. A bus master asserts IRDYN to indicate
valid data phases on AD[31..0] during write data phases, indicates it is
ready to accept data during read data phases. A target will monitor IRDYN.
TRDYN
IN/OUT
Target Ready, asserted LOW. A bus target asserts TRDYN to indicate valid
read data phases, and to indicate it is ready to accept data during write
data phases. A bus master will monitor TRDYN.
STOPN
IN/OUT
Stop, asserted LOW. STOPN is driven by the slave target to inform the bus
master to terminate the current transaction.
TABLE 2 : IP100A LF Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com