Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP17N50LPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFP17N50LPBF
Description  SMPS MOSFET HEXFET짰Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP17N50LPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFP17N50LPBF Datasheet HTML 1Page - International Rectifier IRFP17N50LPBF Datasheet HTML 2Page - International Rectifier IRFP17N50LPBF Datasheet HTML 3Page - International Rectifier IRFP17N50LPBF Datasheet HTML 4Page - International Rectifier IRFP17N50LPBF Datasheet HTML 5Page - International Rectifier IRFP17N50LPBF Datasheet HTML 6Page - International Rectifier IRFP17N50LPBF Datasheet HTML 7Page - International Rectifier IRFP17N50LPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP17N50LPbF
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
‚ Starting T
J = 25°C, L = 3.0mH, RG = 25Ω,
IAS = 16A. (See Figure 12).
ƒ I
SD = 16A, di/dt ≤ 347A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
Notes:
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff.(ER) is a fixed capacitance that stores the same energy
as Coss while VDS is rising from 0 to 80% VDSS.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
V
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.60
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
0.28
0.32
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
50
µA
–––
–––
2.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.4
–––
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
11
–––
–––
S
Qg
Total Gate Charge
–––
–––
130
Qgs
Gate-to-Source Charge
–––
–––
33
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
59
td(on)
Turn-On Delay Time
–––
21
–––
tr
Rise Time
–––
51
–––
ns
td(off)
Turn-Off Delay Time
–––
50
–––
tf
Fall Time
–––
28
–––
Ciss
Input Capacitance
–––
2760
–––
Coss
Output Capacitance
–––
325
–––
Crss
Reverse Transfer Capacitance
–––
37
–––
Coss
Output Capacitance
–––
3690
–––
pF
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
84
–––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
159
–––
Coss eff. (ER)
Effective Output Capacitance
–––
120
–––
(Energy Related)
Avalanche Characteristics
Symbol
Parameter
Typ.
Units
EAS
Single Pulse Avalanche Energy
d
–––
mJ
IAR
Avalanche Current
Ù
–––
A
EAR
Repetitive Avalanche Energy
™
–––
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Units
RθJC
Junction-to-Case
–––
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
°C/W
RθJA
Junction-to-Ambient
–––
62
Max.
0.56
–––
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
16
22
Max.
390
VGS = 0V,VDS = 0V to 400V
g
ID = 16A
RG = 7.5Ω
VGS = 10V, See Fig. 14a & 14b f
VGS = 0V
ID = 16A
VDS = 400V
VGS = 10V, See Fig. 7 & 15
f
VDD = 250V
VGS = 30V
f = 1MHz, open drain
Conditions
VDS = 50V, ID = 9.9A
VGS = -30V
VDS = VGS, ID = 250µA
VDS = 500V, VGS = 0V
VDS = 400V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 9.9A
f



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com