Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP175C Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 73Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 74Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 75Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 76Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 77Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 78Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 79Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 80Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
77/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Tag register 11
PHY
MII
ROM
R/W
Description
Default
REMOVE_TAG. Remove VLAN tag
Bit 6
1: port0 removes the VLAN tag of each outgoing packet.
0: port0 doesn’t remove the VLAN tag of each outgoing packet.
Bit 7
1: port1 removes the VLAN tag of each outgoing packet.
0: port1 doesn’t remove the VLAN tag of each outgoing packet.
Bit 8
1: port2 removes the VLAN tag of each outgoing packet.
0: port2 doesn’t remove the VLAN tag of each outgoing packet.
Bit 9
1: port3 removes the VLAN tag of each outgoing packet.
0: port3 doesn’t remove the VLAN tag of each outgoing packet.
Bit 10
1: port4 removes the VLAN tag of each outgoing packet.
0: port4 doesn’t remove the VLAN tag of each outgoing packet.
Default value
Others
Testmode37
23[10:6] 23[4:0]
R/W
5'b00000
5'b11111
5’h00
ADD_TAG. Add VLAN tag
1: Port5 adds a VLAN tag to each outgoing packet.
0: Port5 doesn’t add a VLAN tag.
Default value
Others
Testmode37
23.1
22.5
R/W
0
1
*
29
23.0
23.5
R/W REMOVE_TAG. Remove VLAN tag
1: Port5 removes the VLAN tag of each outgoing packet.
0: port5 doesn’t remove the VLAN tag of each outgoing packet.
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com