Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP175CLF Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IP175CLF
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CLF Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP175CLF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 14Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP175CLF Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
13/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Pin description (continued)
Pin No.
Label
Type
Description
LED pins used as initial setting (the setting is latched at the end of reset)
102
BF_STM_EN
IPL1
Broadcast storm protection enable
1: enable
0: disable (default)
A port begins to drop packets if it receives broadcast packets
more than the threshold defined in MII register 30.11[15:14]
bq_stm_thr_sel [1:0] or EEPROM register 59[7:6]
101
LINK_Q
IPH1
Link quality
1: enable (default)
0: disable
When the function is enabled, besides link on/off status, activity
status, link LED shows link quality. The link LED will be flash (on:
2sec / off: 2sec) when the SNR of received signal is lower than
the desired value for normal operation.
100
X_EN
IPH1
IEEE802.3X/ back pressure enable
1: enable (default)
0: disable
This pin doesn’t set the flow control of MII0 port. Pin 67
MAC_X_EN sets the flow control of MII0 port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com