Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4841 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4841
Description  OBD Plug (16-pin) to DE-9 (DB-9) Socket Adapter Cable - 1 meter long
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4841 Datasheet(HTML) 1 Page - Adafruit Industries

  4841 Datasheet HTML 1Page - Adafruit Industries 4841 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 4841

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
4841 KEYSTONE-4841 Datasheet
230Kb / 1P
NYLON M/F HEX STANDOFF
4.10.96
4841 KEYSTONE-4841 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results

Similar Description - 4841

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687690028 MOLEX8-0687690028 Datasheet
144Kb / 3P
IEEE 1394B Beta 9-pin-to-9-pin Cable Assembly, 2.0m (6.56 ) Length
0687690029 MOLEX8-0687690029 Datasheet
143Kb / 3P
IEEE 1394B Beta 9-pin-to-9-pin Cable Assembly, 4.50m (14.76 ) Length
logo
List of Unclassifed Man...
PA16SO16D-EO-150 ETC2-PA16SO16D-EO-150 Datasheet
81Kb / 2P
16 PIN SOP SOCKET ADAPTER
OBD-M-DB9-F-ES ETC2-OBD-M-DB9-F-ES Datasheet
228Kb / 12P
DB9 to OBD-II Adapter Cable
logo
Adam Technologies, Inc.
CRT-09-001 ADAM-TECH-CRT-09-001 Datasheet
140Kb / 1P
9 PIN CRT SOCKET
logo
Pepperl+Fuchs Inc.
LB9001A PF-LB9001A Datasheet
736Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9002A PF-LB9002A Datasheet
765Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9003A PF-LB9003A Datasheet
445Kb / 2P
D-Sub plug 9-pin
2020-03-30
logo
Coolgear Inc.
XC-232-C COOLGEAR-XC-232-C Datasheet
130Kb / 2P
Dual Port USB to Serial RS-232 DB-9 Adapter Cable FTDI Chip
logo
Molex Electronics Ltd.
834219039 MOLEX-834219039 Datasheet
71Kb / 1P
CABLE ASSEMBLY CMD 9 POS SOCKET TO 9 POS D-SUB SOCKET
2012/03/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com