Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX2JS2XX030P Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # PX2JS2XX030P
Description  Heavy Duty Pressure Transducers PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

PX2JS2XX030P Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button PX2JS2XX030P Datasheet HTML 2Page - Honeywell Solid State Electronics Center PX2JS2XX030P Datasheet HTML 3Page - Honeywell Solid State Electronics Center PX2JS2XX030P Datasheet HTML 4Page - Honeywell Solid State Electronics Center PX2JS2XX030P Datasheet HTML 5Page - Honeywell Solid State Electronics Center PX2JS2XX030P Datasheet HTML 6Page - Honeywell Solid State Electronics Center PX2JS2XX030P Datasheet HTML 7Page - Honeywell Solid State Electronics Center PX2JS2XX030P Datasheet HTML 8Page - Honeywell Solid State Electronics Center PX2JS2XX030P Datasheet HTML 9Page - Honeywell Solid State Electronics Center PX2JS2XX030P Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Sensing and Internet of Things
Heavy Duty Pressure Transducers
PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
Figure 5. Electrical Connector Type Dimensions (For reference only: mm/[in].)
A
Metri-Pack 150, Standard
(UL 94 HB)
J
Metri-Pack 150
(UL 94 V-0)
B
Micro M12
(IEC 61076-2)
C
DIN
(EN 175301-803C)
Connector: DELPHI 12078088
Mating Connector: DELPHI 12110192
IP Rating1: IP65 (all versions)
Connector: IEC 61076-2-101
Mating Connector: 4 POS TYPE D
IP Rating1: IP65/IP67 (absolute, sealed
gage versions) , IP65 (vented gage
versions)
Connector: EN 175301-803C
Mating Connector: EN 175301-803C
DIN 43650C 8MM
IP Rating1: IP65 (all versions)
Pin
Voltage
Output
Current
Output
Pin
Voltage
Output
Current
Output
Pin
Voltage
Output
Current
Output
A
GND
RTN
1
V+
supply
1
GND
RTN
B
V+
supply
3
GND
RTN
2
V+
supply
C
Vout
NC
4
Vout
NC
3
Vout
NC
PE
NC
NC
1
IP rating is determined by the electrical connection chosen.
“H”
B
C
A
Hole
(vented gage
versions only)
“H” = 46,0
[1.81]
ø17,0
[0.67]
“H” = 40,7
[1.60]
Hole
(vented gage
versions only)
1
4
3
ø11,5
[0.45]
“H” = 36,2
[1.46]
Hole
(vented gage
versions only)
17,0
[0.67]
1
2
3
PE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com